Electronic Components Datasheet Search
  English  ▼

X  

AN2435 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2435
Description  TM sepic converter in PFC pre-regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2435 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2435 Datasheet HTML 7Page - STMicroelectronics AN2435 Datasheet HTML 8Page - STMicroelectronics AN2435 Datasheet HTML 9Page - STMicroelectronics AN2435 Datasheet HTML 10Page - STMicroelectronics AN2435 Datasheet HTML 11Page - STMicroelectronics AN2435 Datasheet HTML 12Page - STMicroelectronics AN2435 Datasheet HTML 13Page - STMicroelectronics AN2435 Datasheet HTML 14Page - STMicroelectronics AN2435 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AN2435
Sepic topology for PFC converter
11/25
The main conclusion of Equation 23 and Equation 24, is that the same equations can be
used for coupled and uncoupled inductors. If no current flows on the secondary side, voltage
V2 is the same as voltage V2
1 (see Figure 8) and may be written as follows:
Equation 25
As the same voltage is applied, simultaneously, to both inductors in a sepic converter,
Equation 25 may be simplified below as:
Equation 26
When the above ‘ripple steering’ condition is verified theoretically, the voltage across LLK2 is
zero and no current flows on the secondary side. In the actual circuit only the high frequency
components of the inductor L2 current are attenuated. Once Equation 26 is verified,
Equation 24 may be simplified as:
Equation 27
Therefore, for a sepic converter with coupled inductors, infinite inductance at the input may
be seen theoretically once Equation 26 is satisfied. In the actual circuit, due to imperfect
matching with Equation 26 and due to the fact that the voltages applied to the two inductors
are not exactly the same (because of the voltage ripple on capacitor C1), a large input
inductance may be seen at the converter input. This input inductance helps the line filter in
eliminating the switching frequency component of the input current.
Figure 7.
Coupled inductor of a sepic converter
Figure 8.
Model of two coupled inductors
V
2
V
2
1
nV
1
1
•
n
L
M
L
M
L
LK1
+
--------------------------
•
V
1
•
=
=
=
n
L
M
L
M
L
LK1
+
--------------------------
•
1
=
L
EQ1
L
M
L
LK1
+
=
L
EQ2
∞
=
⎩
⎨
⎧
L2
L1
C2
M1
C1
D1
V2
1
LM
+
-
+
-
V2
+
-
V1
1
+
-
V1
Llk1
Llk2
1 : n
IM
I2
I1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com