Electronic Components Datasheet Search
  English  ▼

X  

AN3106 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3106
Description  The use and growing popularity of LEDS, thanks to their high efficiency
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3106 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3106 Datasheet HTML 2Page - STMicroelectronics AN3106 Datasheet HTML 3Page - STMicroelectronics AN3106 Datasheet HTML 4Page - STMicroelectronics AN3106 Datasheet HTML 5Page - STMicroelectronics AN3106 Datasheet HTML 6Page - STMicroelectronics AN3106 Datasheet HTML 7Page - STMicroelectronics AN3106 Datasheet HTML 8Page - STMicroelectronics AN3106 Datasheet HTML 9Page - STMicroelectronics AN3106 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Main characteristics and circuit description
AN3106
6/34
Doc ID 16775 Rev 2
1.2
Resonant power stage
The downstream converter is a resonant LLC half-bridge stage working with 50 percent
fixed duty cycle and variable frequency. It implements the ST L6599AT, integrating all
functions necessary to properly control the resonant topology.
The resonant transformer, manufactured by MAGNETICA, uses the integrated magnetic
approach, so the leakage inductance is used for resonant operation of the circuit. Thus, no
external, additional coil is needed for the resonance. The transformer secondary winding
configuration is the typical center tap, using a couple of power Schottky rectifiers type
STPS10150CG. The output capacitors are film type, 4.7 µF - 63 V from EPCOS. As for the
PFC stage, using film capacitors allows considerably increasing the MTBF of the board.
A small LC filter has been added on the output, in order to filter the high-frequency ripple.
D21, D22, R55 constitute a voltage-controlled bleeder. In case of no-load operation of the
SMPS, this circuit provides a bleeder limiting the output voltage from increasing, but not
affecting the efficiency during normal operation. Please note that the converter has not been
designed to work in this condition and therefore its mains consumption is not optimized
(~3 W).
1.3
Startup sequence
The PFC acts as master and therefore starts first. The resonant stage operates only if the
PFC is delivering the nominal output voltage to prevent the resonant converter from working
with an insufficient input voltage that can cause incorrect capacitive mode operation. Thus,
both stages are designed to work according to this sequence.
For correct sequencing the L6599AT makes use of the LINE pin (#7) to sense the PFC
output voltage via a resistor divider. The L6599AT LINE pin (#7) has an internal comparator
which has a hysteresis allowing to set independently the turn-on and turn-off voltage. At
startup the LLC stage starts once the PFC output voltage reaches ~ 430 V, while the turn-off
threshold has been set to ~330 V.
1.4
Output voltage feedback loop
The output voltage is kept stable by means of a feedback loop implementing a typical circuit
using a TS2431 modulating the current in the optocoupler diode.
On the primary side, R43 - connecting pin RFMIN (#4) to the optocoupler's phototransistor -
allows modulating the L6599AT oscillator frequency, thus keeping the output voltage
regulated. It also sets the maximum switching frequency at about 130 kHz. R42, that
connects the same pin to ground, sets the minimum switching frequency. The R-C series
R37 and C24 sets both soft-start maximum frequency and duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com