Electronic Components Datasheet Search
  English  ▼

X  

AN3106 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3106
Description  The use and growing popularity of LEDS, thanks to their high efficiency
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3106 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3106 Datasheet HTML 10Page - STMicroelectronics AN3106 Datasheet HTML 11Page - STMicroelectronics AN3106 Datasheet HTML 12Page - STMicroelectronics AN3106 Datasheet HTML 13Page - STMicroelectronics AN3106 Datasheet HTML 14Page - STMicroelectronics AN3106 Datasheet HTML 15Page - STMicroelectronics AN3106 Datasheet HTML 16Page - STMicroelectronics AN3106 Datasheet HTML 17Page - STMicroelectronics AN3106 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Functional check
AN3106
14/34
Doc ID 16775 Rev 2
Figure 20 the low-frequency ripple has been measured too. We note that the peak-to-peak
value is not very low because of the low output capacitances but it doesn't affect the
application. In fact the converters regulating the current flowing in each LED strip can reject
the ripple without any problem.
4.3
Dynamic load operation
The waveforms shown in Figure 21 and Figure 22 pertain to the demonstration board during
the operation of supplying converters dedicated to power LED strips with constant current.
In both figures it is possible to see the output voltage modulation during operation with
variable load due to the dimming of the LED current by PWM. For both measurements, the
dimming frequency has been chosen at 300 Hz, a typical value for dimming.
In Figure 21 the converter’s output current was 2.6 A and the dimming duty cycle was 90%,
thus very close to the converter’s nominal output power. The output voltage has two
modulations. One is due to the rejection of the PFC output voltage ripple already measured
in Figure 20 where the voltage variation due to the LED current dimming is superimposed.
The peak-to-peak variation is 5.37 V but it doesn't present any problem for the load since the
converters reject the modulation.
In Figure 22 instead the converter has been checked at light load, so the peak output
current was 3 A and the dimming duty cycle was 15%, for an output power of 21 W. Even in
this case, the peak-to peak modulation doesn't present any issue for the downstream
current regulators and the board still works correctly.
Figure 19.
EVL130W-STRLIG demonstration
board: high frequency ripple on
output voltage at 115 V - 60 Hz - full
load
Figure 20.
EVL130W-STRLIG demonstration
board: low frequency ripple on
output voltage at 115 V - 60 Hz - full
load
CH3: VOUT
CH3: VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com