Electronic Components Datasheet Search
  English  ▼

X  

AN3106 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3106
Description  The use and growing popularity of LEDS, thanks to their high efficiency
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3106 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3106 Datasheet HTML 5Page - STMicroelectronics AN3106 Datasheet HTML 6Page - STMicroelectronics AN3106 Datasheet HTML 7Page - STMicroelectronics AN3106 Datasheet HTML 8Page - STMicroelectronics AN3106 Datasheet HTML 9Page - STMicroelectronics AN3106 Datasheet HTML 10Page - STMicroelectronics AN3106 Datasheet HTML 11Page - STMicroelectronics AN3106 Datasheet HTML 12Page - STMicroelectronics AN3106 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
AN3106
Efficiency measurement
Doc ID 16775 Rev 2
9/34
2
Efficiency measurement
Table 1 shows the overall efficiency, measured at 230 V - 50 Hz and 115 V - 60 Hz input
voltage and different loads.
At 115 VAC and full load the overall efficiency is 90.96%. It increases up to 93.38%
at 230 VAC, confirming that this reference design is suitable for high-efficiency power
supplies. The efficiency has been measured at 25%, 50%, 75% and 100%, and the average
efficiency according to the ES-2 standard has been calculated. As shown in Table 1 it is very
high at both nominal mains.
The measured output voltage at different load conditions is also shown in Table 1. As visible,
the voltage is very stable over the entire output load range.
The measured efficiency is shown in Figure 3, while Figure 4 shows the efficiency at
maximum load over the entire AC input voltage mains range.
Table 1.
EVL130W-STRLIG demonstration board: overall efficiency vs. load
Load
230 V - 50 Hz
115 V - 60 Hz
VOUT [V] IOUT [A] POUT [W] PIN [W]
Eff. [%] VOUT [V] IOUT [A] POUT [W] PIN [W] Eff. [%]
25% load
47.58
0.689
32.8
37.87
86.57%
47.59
0.689
32.8
37.87
86.58%
50% load
47.57
1.378
65.6
71.66
91.48%
47.58
1.378
65.6
72.93
89.90%
75% load
47.56
2.008
95.5
102.96
92.75%
47.56
2.001
95.2
105.0
90.64%
100% load
47.55
2.708
128.8
137.6
93.38%
47.56
2.703
128.6
141.33
90.96%
Average
efficiency
91.04%
89.52%
Figure 3.
EVL130W-STRLIG demonstration
board: efficiency vs. load
Figure 4.
EVL130W-STRLIG demonstration
board: full-load efficiency vs. VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com