Electronic Components Datasheet Search
  English  ▼

X  

AN3106 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3106
Description  The use and growing popularity of LEDS, thanks to their high efficiency
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3106 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3106 Datasheet HTML 21Page - STMicroelectronics AN3106 Datasheet HTML 22Page - STMicroelectronics AN3106 Datasheet HTML 23Page - STMicroelectronics AN3106 Datasheet HTML 24Page - STMicroelectronics AN3106 Datasheet HTML 25Page - STMicroelectronics AN3106 Datasheet HTML 26Page - STMicroelectronics AN3106 Datasheet HTML 27Page - STMicroelectronics AN3106 Datasheet HTML 28Page - STMicroelectronics AN3106 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
AN3106
Bill of material
Doc ID 16775 Rev 2
25/34
D6
LL4148
SOD-80
Fast switching diode
VISHAY
D7
BZV55-B15
SOD-80
Zener diode
VISHAY
D8
LL4148
SOD-80
Fast switching diode
VISHAY
D9
LL4148
SOD-80
Fast switching diode
VISHAY
F1
FUSE T4A
8.5 x 4
p. 5.08 mm
Fuse 4 A - time lag - 3921400
LITTLEFUSE
HS1
Heatsink
DWG
Heatsink for D3 and Q2
J1
MKDS 1,5 / 3-5,08 p. 5.08 mm
PCB term. block, screw conn., pitch 5 MM - 3 W.
PHOENIX CONTACT
J2
MKDS 1,5 / 2-5,08 p. 5.08 mm
PCB term. block, screw conn., pitch 5 MM - 2 W.
PHOENIX CONTACT
L1
1975.0001
DWG
PFC choke - 520 µH PQ26/25
MAGNETICA
L2
12 mH
DWG
CM filter 2019.0002
MAGNETICA
L3
3.3 µH - 4.7 A
DIA. 7.7 p.
5 mm
Inductor 1071.0080
MAGNETICA
Q1
BC846C
SOT-23
NPN small signal BJT
VISHAY
Q2
STF22NM60N
TO220
N-channel Power MOSFET
STMicroelectronics
Q3
N. M.
SOT-23
PNP small signal BJT
Q4
STD10NM60N
DPAK
N-channel Power MOSFET
STMicroelectronics
Q5
STD10NM60N
DPAK
N-channel Power MOSFET
STMicroelectronics
Q6
BC846C
SOT-23
NPN small signal BJT
VISHAY
Q7
BC846C
SOT-23
NPN small signal BJT
VISHAY
Q8
BC846C
SOT-23
NPN small signal BJT
VISHAY
R1
N. M.
0805
Not mounted
R10
1.2 M
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm / °C
VISHAY
R11
4.7 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm / °C
VISHAY
R12
2.0 M
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm / °C
VISHAY
R13
120 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm / °C
VISHAY
R14
390 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm / °C
VISHAY
R15
39 K
Ω
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm / °C
VISHAY
R16
39 K
Ω
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm / °C
VISHAY
R17
0
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm / °C
VISHAY
R18
56 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm / °C
VISHAY
R19
0
Ω
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm / °C
VISHAY
R2
1 M
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm / °C
VISHAY
R20
120 K
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm / °C
VISHAY
R21
33
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm / °C
VISHAY
Table 4.
EVL130W-STRLIG demonstration board: bill of material (continued)
Des.
Part type / part
value
Case style
/ package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com