Electronic Components Datasheet Search
  English  ▼

X  

AN3106 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3106
Description  The use and growing popularity of LEDS, thanks to their high efficiency
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3106 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3106 Datasheet HTML 3Page - STMicroelectronics AN3106 Datasheet HTML 4Page - STMicroelectronics AN3106 Datasheet HTML 5Page - STMicroelectronics AN3106 Datasheet HTML 6Page - STMicroelectronics AN3106 Datasheet HTML 7Page - STMicroelectronics AN3106 Datasheet HTML 8Page - STMicroelectronics AN3106 Datasheet HTML 9Page - STMicroelectronics AN3106 Datasheet HTML 10Page - STMicroelectronics AN3106 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
AN3106
Main characteristics and circuit description
Doc ID 16775 Rev 2
7/34
All demonstration boards implement the voltage loop circuitry previously described but in
case a current loop is also required, it can be achieved by implementing the following
modifications:
●
Replace R30 and R31 0R0
Ω resistors with sensing resistors, 0R033 and 0R039
respectively, both 0805
●
Populate on PCB U4 and the relevant components shown on the schematic as N.M:
C36 = 1N0-0805; C37 = 100NF-0805; R51 = 15R-0805; R56 = 1K0-0805;
R6 = 22K-1206; C41 = 2N2-0805; U5 = SEA05TR
●
Remove TS2431AILT
With these modifications the circuit is able to keep the output current constant at 2.7 A down
to an output voltage value around 30 V. This function can be used to optimize the voltage
drop and power dissipation in case current linear regulators are used to regulate the current
flowing in each LED strip. If the output current is lower, the voltage loop will take over the
operation, regulating the output voltage at its nominal value as when using the TS2431AILT.
1.5
Overload and short-circuit protection
The current flowing into the primary winding, proportional to the output load, is sensed by
the lossless circuit C34, R53, D19, D18, R57, and C35 and it is fed into the ISEN pin (#6) of
L6599AT. In case of overcurrent, the voltage on the pin will exceed an internal threshold (0.8
V), triggering a protection sequence. The capacitor (C21) connected to the DELAY pin (#2)
is charged by an internal 150 µA current generator. If the voltage on the pin reaches 2 V, the
soft-start capacitor is completely discharged so that the switching frequency is pushed to its
maximum value. As the voltage on the pin exceeds
3.5 V the IC stops switching and the internal generator is turned off, so that the voltage on
the DELAY pin will decay because of the external resistor connected between the pin and
GND. The L6599AT will be soft-restarted as the voltage drops below 0.3 V. In this way, under
short-circuit conditions, the converter will work intermittently with low input average power
and thus limiting the stress of components during shorts.
1.6
Overvoltage and open loop protection
Both circuit stages, PFC and resonant, are equipped with their own overvoltage protections.
The PFC controller L6562AT implements an overvoltage protection against the output
voltage variation occurring in case of transients, due to the poor bandwidth of the error
amplifier. Unfortunately it cannot protect the circuit in case of a feedback loop failure like
disconnection or deviation from the nominal value of the feedback loop divider. If a similar
failure condition is detected, the L6599AT pin DIS (#8) stops the operation and also stops
the PFC operation by means of the L6599AT pin PFC_STOP (#9) connected to the L6562AT
pin INV (#1). The converter operation will be latched until the VCC capacitors are
discharged, then a new startup sequence will automatically take place and the converter will
resume operation if the failure is removed or a new sequence is triggered. The same
sequence occurs also in case of input voltage transients that may damage the converter.
The DIS pin is also used to protect the resonant stage against loop failures. The Zener
diode D17 detects the auxiliary voltage generated by the LLC transformer. In case a loop
failure occurs, it conducts and the voltage on pin DIS exceeds the internal threshold,
latching off the device. The L6562AT operation will be stopped too by the PFC_STOP pin,
like in the previous case and then after some time the circuit will restart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com