Electronic Components Datasheet Search
  English  ▼

X  

UPD30500 Datasheet(PDF) 25 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 25 Page - NEC

Back Button UPD30500 Datasheet HTML 21Page - NEC UPD30500 Datasheet HTML 22Page - NEC UPD30500 Datasheet HTML 23Page - NEC UPD30500 Datasheet HTML 24Page - NEC UPD30500 Datasheet HTML 25Page - NEC UPD30500 Datasheet HTML 26Page - NEC UPD30500 Datasheet HTML 27Page - NEC UPD30500 Datasheet HTML 28Page - NEC UPD30500 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
µPD30500, 30500A, 30500B
25
Data Sheet U12031EJ4V0DS00
Reset Timing
Power-on reset timing
Notes 1. 3.135 V (VR5000), 2.375 V (VR5000A), 1.7 V (VR5000B)
2. VR5000A, VR5000B only
Cold reset timing
Note
VR5000A, VR5000B only
VDDIO
Note
≥ 64 K SysClock
SysClock
VDDOk
ModeClock
ModeIn
tMDS
≥ 64 SysClock
256 SysClock
Undefined
bit0
bit1
bit255
tMDH
ColdReset
Reset
tDS
≥ 64 SysClock
tDS
H
VDD
H
VDDI/O
Note 2
≥ 64 K SysClock
SysClock
VDDOk
ModeClock
ModeIn
tMDS
≥ 100 ms
256 SysClock
Undefined
bit0
bit1
bit255
tMDH
ColdReset
Reset
tDS
≥ 64 SysClock
tDS
VDD
Note 1
3.135 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com