Electronic Components Datasheet Search
  English  ▼

X  

UPD30500 Datasheet(PDF) 17 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 17 Page - NEC

Back Button UPD30500 Datasheet HTML 13Page - NEC UPD30500 Datasheet HTML 14Page - NEC UPD30500 Datasheet HTML 15Page - NEC UPD30500 Datasheet HTML 16Page - NEC UPD30500 Datasheet HTML 17Page - NEC UPD30500 Datasheet HTML 18Page - NEC UPD30500 Datasheet HTML 19Page - NEC UPD30500 Datasheet HTML 20Page - NEC UPD30500 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
µPD30500, 30500A, 30500B
17
Data Sheet U12031EJ4V0DS00
Power Application Sequence
Two kinds of power sources are provided with the VR5000A. The sequence of the power application order is not
fixed. However, make sure that either of the power supplies does not remain turned on for 1 second or more while
the other remains off.
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Power application delay
tDP
0
1
sec
Capacitance
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Input capacitance
CIn
5pF
Output capacitance
Cout
7pF
AC Characteristics (TC = 0 to +85
°C, VDDIO = 3.3 V ±5%, VDD = 2.5 V ±5%)
Clock parameter
Parameter
Symbol
Condition
MIN.
MAX.
Unit
System clock high-level width
tCH
3.0
ns
System clock low-level width
tCL
3.0
ns
System clock frequencyNotes 1, 2
20
100
MHz
System clock cycle
tCP
10
50
ns
System clock jitter
tji
System clock frequency > 66 MHz
±125
ps
System clock frequency
≤ 66 MHz
±250
ps
System clock rise time
tCR
2.0
ns
System clock fall time
tCF
2.0
ns
Mode clock cycle
tMOC
256
× tCP
ns
Notes 1. The operation of the VR5000A is guaranteed only when the PLL is operating
2. The operation is guaranteed if the internal operating frequency 100 MHz or higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com