Electronic Components Datasheet Search
  English  ▼

X  

UPD30500 Datasheet(PDF) 28 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 28 Page - NEC

Back Button UPD30500 Datasheet HTML 24Page - NEC UPD30500 Datasheet HTML 25Page - NEC UPD30500 Datasheet HTML 26Page - NEC UPD30500 Datasheet HTML 27Page - NEC UPD30500 Datasheet HTML 28Page - NEC UPD30500 Datasheet HTML 29Page - NEC UPD30500 Datasheet HTML 30Page - NEC UPD30500 Datasheet HTML 31Page - NEC UPD30500 Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
µPD30500, 30500A, 30500B
28
Data Sheet U12031EJ4V0DS00
B
A
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
W
Y
AA
VU T RPN ML K J H G F E D C B A
S
K
S
272-PIN PLASTIC BGA (C/D advanced type) (29x29)
ITEM
MILLIMETERS
A
29.00
±0.20
D
29.00
±0.20
G
0.60
±0.10
H
0.90
E
1.80
F
1.27 (T.P.)
Z
C0.5
φ
φ
J
1.50
±0.20
M
0.30
N
0.25 MIN.
K
0.15
L
P
0.10
φ 0.75±0.15
Y
C1.5
S272S2-127-C6-3
A
Index area
D
A
L
Y
Z
J
H
G
E
F
N
detail of A part
M
M
S
A B
S
P
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com