Electronic Components Datasheet Search
  English  ▼

X  

UPD30500 Datasheet(PDF) 30 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 30 Page - NEC

Back Button UPD30500 Datasheet HTML 26Page - NEC UPD30500 Datasheet HTML 27Page - NEC UPD30500 Datasheet HTML 28Page - NEC UPD30500 Datasheet HTML 29Page - NEC UPD30500 Datasheet HTML 30Page - NEC UPD30500 Datasheet HTML 31Page - NEC UPD30500 Datasheet HTML 32Page - NEC UPD30500 Datasheet HTML 33Page - NEC UPD30500 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
µPD30500, 30500A, 30500B
30
Data Sheet U12031EJ4V0DS00
APPENDIX DIFFERENCES BETWEEN THE VR5000 AND VR4310TM
Item
VR5000
VR4310
Operating frequency
Internal
200 MHz MAX.
167 MHz MAX.
External
100 MHz MAX.
83.3 MHz MAX.
Pipeline
2-way super scalar 5-stage
5-stage pipeline
pipeline
Cache
Primary instruction cache
32 Kbytes
16 Kbytes
Primary data cache
32 Kbytes
8 Kbytes
Secondary cache interface
Provided
None
Data protection
Byte parity
None
System bus
Write data transfer rate
9 types (DDDD/DDxDDx/
2 types (D/Dxx)
DDxxDDxx/DxDxDxDx/
DDxxxDDxxx/DDxxxxDDxxxx/
DxxDxxDxxDxx/
DDxxxxxxDDxxxxxx/DxxxDxxx)
Initialization pin at reset
ModeIn (dedicated serial pin)
DivMode (0:2)
Status after last data write
Access ends
Last data retained when transfer
rate is set
Integer operation unit
Corresponding instruction
MIPS I, II, III, IV instruction sets
MIPS I, II, III instruction sets
JTAG interface
None
Provided
SyncOut-SyncIn bus
None
Provided
Clock interface
Multiplication ratio of input
2, 3, 4, 5, 6, 7, 8
1.5, 2, 2.5, 3, 4, 5, 6
to internal
Division ratio of internal to
2, 3, 4, 5, 6, 7, 8
1.5, 2, 2.5, 3, 4, 5, 6
bus
Clock output
None
TClock
Power management mode
Standby mode (pipline does
Not provided
not operate)
PRId register
Imp = 0x23
Imp = 0x0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com