Electronic Components Datasheet Search
  English  ▼

X  

UPD30500 Datasheet(PDF) 29 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 29 Page - NEC

Back Button UPD30500 Datasheet HTML 25Page - NEC UPD30500 Datasheet HTML 26Page - NEC UPD30500 Datasheet HTML 27Page - NEC UPD30500 Datasheet HTML 28Page - NEC UPD30500 Datasheet HTML 29Page - NEC UPD30500 Datasheet HTML 30Page - NEC UPD30500 Datasheet HTML 31Page - NEC UPD30500 Datasheet HTML 32Page - NEC UPD30500 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
µPD30500, 30500A, 30500B
29
Data Sheet U12031EJ4V0DS00
4. RECOMMENDED SOLDERING CONDITIONS
Soldering this product under the following soldering conditions is recommended.
For the details of the recommended soldering conditions, refer to Information Document Semiconductor Device
Mounting Technology Manual (C10535E).
For the soldering methods and recommended other than those recommended, consult NEC.
(1) Soldering Conditions of Surface Mount Type
µPD30500S2-150:
272-pin plastic BGA (C/D advanced type) (29
× 29)
µPD30500S2-180:
272-pin plastic BGA (C/D advanced type) (29
× 29)
µPD30500S2-200:
272-pin plastic BGA (C/D advanced type) (29
× 29)
µPD30500AS2-250:
272-pin plastic BGA (C/D advanced type) (29
× 29)
µPD30500BS2-300Note 1: 272-pin plastic BGA (C/D advanced type) (29 × 29)
Soldering Method
Soldering Conditions
Recommended
Conditions Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 sec max. (210°C min.),
IR35-103-3
Number of times: 3 times max., Number of days: 3Note 2 (after that, prebaking is
necessary at 125
°C for 10 hours)
VPS
Package peak temperature: 215
°C, Time: 25 to 40 sec max. (200°C min.),
VP15-103-3
Number of times: 3 times max., Number of days: 3Note 2 (after that, prebaking is
necessary at 125
°C for 10 hours)
Partial heating
Pin temperature: 300
°C max., Time: 3 sec max. (per device side)
—
Notes 1. Under development
2. Number of days in storage after the dry pack has been opened. The storage conditions are at 25
°C, 65% RH
MAX.
Caution Do not use two or more soldering methods in combination (except partial heating).
(2) Soldering Conditions of Insertion Type
µPD30500RJ-150: 223-pin ceramic PGA (48 × 48)
µPD30500RJ-180: 223-pin ceramic PGA (48 × 48)
µPD30500RJ-200: 223-pin ceramic PGA (48 × 48)
Soldering Method
Soldering Conditions
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 sec max.
(Pin only)
Partial heating
Pin temperature: 300
°C max., Time: 3 sec max. (per pin)
Caution Wave soldering is only for the lead part in order that jet solder cannot contact with the chip directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com