Electronic Components Datasheet Search
  English  ▼

X  

UPD30500 Datasheet(PDF) 27 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 27 Page - NEC

Back Button UPD30500 Datasheet HTML 23Page - NEC UPD30500 Datasheet HTML 24Page - NEC UPD30500 Datasheet HTML 25Page - NEC UPD30500 Datasheet HTML 26Page - NEC UPD30500 Datasheet HTML 27Page - NEC UPD30500 Datasheet HTML 28Page - NEC UPD30500 Datasheet HTML 29Page - NEC UPD30500 Datasheet HTML 30Page - NEC UPD30500 Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
µPD30500, 30500A, 30500B
27
Data Sheet U12031EJ4V0DS00
F
φ M
M
L
H
G
J
E
Index Mark
X223RJ-100A-1
ITEM
MILLIMETERS
INCHES
A
D
E
F
G
H
47.24
±0.25
2.03
2.54(T.P.)
J
3.98 MAX.
0.50 MIN.
3.30
±0.2
K
1.860
±0.010
0.080
0.100(T.P.)
0.130
±0.008
0.019 MIN.
0.157 MAX.
L
0.46
±0.05
0.018
±0.002
NOTE
I
M
0.254
0.010
223 PIN CERAMIC PGA
Each lead centerline is located within
0.254( 0.010 inch) of
its true position (T.P.) at maximum material condition.
K
47.24
±0.25
1.860
±0.010
φφ
φφ
I
< Bottom View >
A
D
2.82
0.111
1.27
±0.2
0.050
±0.008
φ
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
T S R Q PN ML K J H G F E D C BA
3. PACKAGE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com