Electronic Components Datasheet Search
  English  ▼

X  

UM0756 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0756
Description  STEVAL-ICB003V1 front panel demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0756 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0756 Datasheet HTML 7Page - STMicroelectronics UM0756 Datasheet HTML 8Page - STMicroelectronics UM0756 Datasheet HTML 9Page - STMicroelectronics UM0756 Datasheet HTML 10Page - STMicroelectronics UM0756 Datasheet HTML 11Page - STMicroelectronics UM0756 Datasheet HTML 12Page - STMicroelectronics UM0756 Datasheet HTML 13Page - STMicroelectronics UM0756 Datasheet HTML 14Page - STMicroelectronics UM0756 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
UM0756
Using the front panel board
Doc ID 16031 Rev 1
11/28
4
Using the front panel board
4.1
Touch keys
There are 8 different touch keys on the front panel for various operations. Whenever a key is
touched, a buzzer emits a beep and an LED blinks as an indication of the touch. The various
keys and their descriptions are provided in the sections that follow.
4.1.1
VOL++
When the system is in normal mode, the user can increase the volume by one unit by
touching the key labeled as VOL++. The volume continues to increase to its maximum value
if the user does not release the key (Figure 6).
Note:
The volume does not increase or roll back when it reaches its maximum value, which is 99.
4.1.2
VOL--
When the system is in normal mode, the user can decrease the volume by one unit by
touching the key labeled as VOL--. The volume continues to decrease to its minimum value
if the user does not release the key (Figure 6).
Note:
The volume does not decrease or roll back when it reaches its minimum value, which is 00.
Figure 6.
Volume level on the LED display
4.1.3
CH++/UP
When the system is in normal mode, on touching this key the channel number is increased
by one unit. The channel number continues to increase to its maximum value if the user
does not release the key.
When the system is in brightness mode, on touching this key the brightness of the display is
increased by one unit. The brightness continues to increase to its maximum value if the user
does not release the key (Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com