Electronic Components Datasheet Search
  English  ▼

X  

UM0756 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0756
Description  STEVAL-ICB003V1 front panel demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0756 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0756 Datasheet HTML 15Page - STMicroelectronics UM0756 Datasheet HTML 16Page - STMicroelectronics UM0756 Datasheet HTML 17Page - STMicroelectronics UM0756 Datasheet HTML 18Page - STMicroelectronics UM0756 Datasheet HTML 19Page - STMicroelectronics UM0756 Datasheet HTML 20Page - STMicroelectronics UM0756 Datasheet HTML 21Page - STMicroelectronics UM0756 Datasheet HTML 22Page - STMicroelectronics UM0756 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
UM0756
Using the front panel board
Doc ID 16031 Rev 1
19/28
Figure 18.
Standby of system after timeout
When the system is in standby, the front panel is also disabled and the touch keys and
rotary encoder do not work.
Now when the system is in standby and the standby switch is pressed again, the front panel
exits standby mode and switches ON the power of the host system using the on-board relay.
The front panel displays the channel number and volume on the LED display and the power
LED glows green (Figure 5).
4.3.3
Buzzer
The system has an on-board DC buzzer which is used to improve user interaction. The
buzzer is driven from the LED digit output of the STLED316S device. For details of the
circuit, see the schematic in Section 6.
The buzzer is controlled by the STLED316S and a transistor. The digital output of the
STLED316S device switches ON/OFF the transistor to turn the buzzer ON/OFF.
As the STLED316S is a scanning device and brightness of a particular LED digit is
controlled by the duration that the digit is kept ON during one complete scanning, the
intensity of the buzzer volume varies greatly with the brightness setting of the digit. In the
system there is no change in the volume of the buzzer when the brightness is changed
using the touch keys or rotary encoder, but if the brightness is changed using the
potentiometer, then the buzzer volume varies (Section 4.3.4).
4.3.4
Potentiometer
The system has an on-board potentiometer which can be used to set the brightness level of
the LED display. With the rotation of the knob of the potentiometer (clockwise/counter-
clockwise) the value of the resistance connected to the ISET pin of the STLED316S is
changed and therefore the current flowing though the LED digits is also changed, causing
the brightness of the display to vary.
The variation of the brightness using the potentiometer is a hardware setting, and thus it can
be changed at any time without entering brightness mode.
Note:
The maximum and minimum brightness of the LED display is set by the value of the
resistance connected to the ISET pin of the STLED316S device which in turn depends on
the potentiometer.
A minimum value of the ISET resistance is required for the buzzer to work. Thus the
potentiometer should be set accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com