Electronic Components Datasheet Search
  English  ▼

X  

UM0756 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0756
Description  STEVAL-ICB003V1 front panel demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0756 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0756 Datasheet HTML 20Page - STMicroelectronics UM0756 Datasheet HTML 21Page - STMicroelectronics UM0756 Datasheet HTML 22Page - STMicroelectronics UM0756 Datasheet HTML 23Page - STMicroelectronics UM0756 Datasheet HTML 24Page - STMicroelectronics UM0756 Datasheet HTML 25Page - STMicroelectronics UM0756 Datasheet HTML 26Page - STMicroelectronics UM0756 Datasheet HTML 27Page - STMicroelectronics UM0756 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Schematics diagrams and bill of material
UM0756
24/28
Doc ID 16031 Rev 1
LEDs
14
D2,D4,D5,D
6,D7,D8,D9
,D10, D11
LED red
LED-3
mm
Multicop
MCL034PD
or equivalent
Farnell
1581112
9
15
D12
Bicolor LED
5 mm
Dialight
Corp.
521-9628F or
equivalent
Farnell
1461589
1
16
D17,D18,
D19,D20,
D47
Red SMD
LED for
touch
recognition
SMD0805
Panasonic
SSG
LNJ206R5R
UX or
equivalent
Digi-Key
P11496TR-
ND
5
17
D22,D23,
D24
Green SMD
LED for
touch
recognition
SMD0805
Panasonic
SSG
LN1371SGT
R or
equivalent
Digi-Key
P516TR-ND
3
18
U4,U5,U6,U
7
HDSP5501
common
anode
0.55 inch,
2.5 mm
pitch
Avago
Tech.
HDSP-5501
or equivalent
Farnell
1003293
4
Capac.
19
C9,C10,C1
1,C21,C22,
C23,C24,
C25,C26
2 pF
SMD0805
Panasonic
ECG
ECJ-
2VC1H020C
or equivalent
Digi-Key
PCC020CNT
R-ND
9
20
C2,C5,C7,C
12,C14,
C15,C16,
C17,C18
100 nF
SMD0805
Panasonic
ECG
ECJ-
2VB1E104K
or equivalent
Digi-Key
PCC1828CT-
ND
9
21
C3
470 nF
SMD0805
Panasonic
ECG
ECJ-
2VF1C474Z
or equivalent
Digi-Key
PCC1847TR
-ND
1
22
C1,C4,C6,C
8,C13,C20,
10 µF/10 V
tantalum
Type 1
Vishay/
Sprague
293D106X96
R3A2TE3 or
equivalent
Mouser
74-
293D106X96
R3A2TE3
6
23
C19
100 µF/25 V
Through
hole
Multicop
MCGPR25V1
07M6.3X11
or equivalent
Farnell
9451188
1
Table 7.
Bill or material (continued)
Cat.
S.
no.
Ref.
designator
Component
descr.
Package
Manuf.
Orderable
part no.
Supplier
Supplier
order code
Qty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com