Electronic Components Datasheet Search
  English  ▼

X  

UM0756 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0756
Description  STEVAL-ICB003V1 front panel demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0756 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0756 Datasheet HTML 13Page - STMicroelectronics UM0756 Datasheet HTML 14Page - STMicroelectronics UM0756 Datasheet HTML 15Page - STMicroelectronics UM0756 Datasheet HTML 16Page - STMicroelectronics UM0756 Datasheet HTML 17Page - STMicroelectronics UM0756 Datasheet HTML 18Page - STMicroelectronics UM0756 Datasheet HTML 19Page - STMicroelectronics UM0756 Datasheet HTML 20Page - STMicroelectronics UM0756 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
UM0756
Using the front panel board
Doc ID 16031 Rev 1
17/28
measured along with the rotary encoder which is also attached at the key inputs of the
STLED316S device.
The system operates at 5 V, so the logic level of the water level signal should be within the
range of 3.5 V - 5 V for high and 0 V - 1.5 V for low logic.
To use the water level sensor, a 1 k
Ω resistor should be soldered on R33 of the STEVAL-
ICB003V1 board. Without this, the system will not detect the water sensor level signal.
4.3.2
Standby
The system demonstrates a smart power management control system to control the power
of other host systems in order to save the maximum amount of power during standby. The
block diagram of the control system is as shown in Figure 16.
Figure 16.
Standby mechanism using host system and front panel
The host system can be connected to the front panel using jumpers J1 and J3 (see Table 4
and 5).
Table 4.
Connection of jumper J1
Pin. no.
Input signal
Function
1
Normally open
Normally open
2Common
Common
3
Normally closed
Normally closed
Table 5.
Connection of jumper J3
Pin. no.
Input signal
Function
9
PD4_STBY_INTR
Interrupt from STEVAL-ICB003V1 to host controller
indicating that STBY key has been pressed
11
GND
Ground reference of STEVAL-ICB003V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com