Electronic Components Datasheet Search
  English  ▼

X  

UM0756 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0756
Description  STEVAL-ICB003V1 front panel demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0756 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0756 Datasheet HTML 8Page - STMicroelectronics UM0756 Datasheet HTML 9Page - STMicroelectronics UM0756 Datasheet HTML 10Page - STMicroelectronics UM0756 Datasheet HTML 11Page - STMicroelectronics UM0756 Datasheet HTML 12Page - STMicroelectronics UM0756 Datasheet HTML 13Page - STMicroelectronics UM0756 Datasheet HTML 14Page - STMicroelectronics UM0756 Datasheet HTML 15Page - STMicroelectronics UM0756 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Using the front panel board
UM0756
12/28
Doc ID 16031 Rev 1
Note:
The channel number rolls back to the minimum value (00) when it reaches its maximum
value, which is 99.
The brightness does not increase or roll back when it reaches its maximum value, which is
level 8 or 14/16.
4.1.4
CH--/DOWN
When the system is in normal mode, on touching this key the channel number is decreased
by one unit. The channel number continues to decrease to its minimum value if the user
does not release the key.
When the system is in brightness mode, on touching this key the brightness of the display is
decreased by one unit. The brightness continues to decrease to its minimum value if the
user does not release the key (Figure 7).
Note:
The channel number rolls back to the maximum value (99) when it reaches its minimum
value, which is 00.
The brightness does not decrease or roll back when it reaches its minimum value, which is
level 1 or 1/16.
Figure 7.
Channel number on the LED display
4.1.5
MENU/BRGH
This key is used to put the system into brightness mode. When this key is touched the
system enters brightness mode and "8888" is displayed on the 7-segment LED display with
the current brightness level.
The brightness of the display can be increased or decreased using the CH++/UP and CH--
/DOWN touch keys. The brightness can also be varied using the rotary encoder (see
Section 4.2). Discrete LEDs on the board represent the brightness level of the display
(Figure 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com