Electronic Components Datasheet Search
  English  ▼

X  

UM0756 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0756
Description  STEVAL-ICB003V1 front panel demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0756 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0756 Datasheet HTML 14Page - STMicroelectronics UM0756 Datasheet HTML 15Page - STMicroelectronics UM0756 Datasheet HTML 16Page - STMicroelectronics UM0756 Datasheet HTML 17Page - STMicroelectronics UM0756 Datasheet HTML 18Page - STMicroelectronics UM0756 Datasheet HTML 19Page - STMicroelectronics UM0756 Datasheet HTML 20Page - STMicroelectronics UM0756 Datasheet HTML 21Page - STMicroelectronics UM0756 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Using the front panel board
UM0756
18/28
Doc ID 16031 Rev 1
For the signal from the pin PD4_STBY_INTR, the host should configure its pin as input
floating with interrupt.
If the system is working normally and the standby switch is pressed, the system prepares to
enter the standby and displays "Stb" on the LED display, and the power-LED glows red
(Figure 17). The front panel indicates to the main host controller that the standby switch has
been pressed and waits for the standby command from the host system.
Figure 17.
Standby in progress
The host system should detect the signal from the front panel and within 10 seconds should
send the standby command (0xAD) to the front panel through I2C, indicating that the host
system is ready and the front panel can cut off the power supply of the host system (see
Table 6).
There are three different possibilities which are explained as follows:
●
Front panel receives a command other than the standby command from the host
system: the system exits standby and normal operation of the system continues.
●
Front panel receives the standby command: the front panel cuts off the power of the
host system through the on-board relay.
●
Front panel receives no command from the host system: front panel waits for
timeout (10 sec) to occur, then the front panel cuts off the power of the host system
through the on-board relay and "stb1" appears on the LED display.
Table 6.
Details of I2C communication with the STEVAL-ICB003V1
Sr. no.
Description
Value in hexadecimal
1I2C address of STEVAL-ICB003V1
0xA0
2
Command for standby
0xAD
3
Command for no-action
0xFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com