Electronic Components Datasheet Search
  English  ▼

X  

LT3469 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3469
Description  Piezo Microactuator Driver with Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3469 Datasheet(HTML) 8 Page - Linear Technology

  LT3469 Datasheet HTML 1Page - Linear Technology LT3469 Datasheet HTML 2Page - Linear Technology LT3469 Datasheet HTML 3Page - Linear Technology LT3469 Datasheet HTML 4Page - Linear Technology LT3469 Datasheet HTML 5Page - Linear Technology LT3469 Datasheet HTML 6Page - Linear Technology LT3469 Datasheet HTML 7Page - Linear Technology LT3469 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LT3469
8
3469f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0304 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1611
550mA ISW, 1.4MHz, High Efficiency Inverting DC/DC Converter
VIN: 0.9V to 10V, VOUT(MAX): 34V, IQ: 3mA, ISD: <1µA, ThinSOT
LT1616
600mA IOUT, 1.4MHz, High Efficiency Step-Down
VIN: 3.6V to 25V, VOUT(MIN): 1.25V, IQ: 1.9mA, ISD: <1µA, ThinSOT
DC/DC Converter
LTC1772B
550kHz, Current Mode Step-Down DC/DC Controller
VIN: 2.5V to 9.8V, VOUT(MIN): 0.8V, IQ: 270µA, ISD: <8µA, ThinSOT
LT1931/LT1931A 1A ISW, 1.2MHz/2.2MHz, High Efficiency Inverting DC/DC
VIN: 2.6V to 16V, VOUT(MAX): –34V, IQ: 4.2mA, ISD: <1µA, ThinSOT
Converter
LT1940 (Dual)
Dual Output 1.4A IOUT, Constant 1.1MHz, High Efficiency
VIN: 3V to 25V, VOUT(MIN): 1.2V, IQ: 2.5mA, ISD: <1µA, TSSOP-16E
Step-Down DC/DC Converter
LTC3411
1.25A IOUT, 4MHz Synchronous Step-Down DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V, IQ: 60µA, ISD: <1µA, MS10, DFN
LT3464
85mA ISW, Constant Off-Time, High Efficiency Step-Up DC/DC
VIN: 2.3V to 10V, VOUT(MAX): 34V, IQ: 25µA, ISD: <0.5µA, ThinSOT
Converter with Integrated Schottky and Output Disconnect
PACKAGE DESCRIPTIO
TS8 Package
8-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1637)
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.22 – 0.36
8 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
TS8 TSOT-23 0802
2.90 BSC
(NOTE 4)
0.65 BSC
1.95 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
PIN ONE ID
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
3.85 MAX
0.52
MAX
0.65
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com