| Electronic Components Datasheet Search |
|
LT3469 Datasheet(PDF) 6 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT3469 Datasheet(HTML) 6 Page - Linear Technology |
|
6 / 8 page ![]() LT3469 6 3469f OPERATIO transient response, however, more output capacitance can help limit the voltage droop on VCC during transients. Table 2. Recommended Ceramic Capacitor Manufacturers MANUFACTURER PHONE URL Taiyo Yuden 408-573-4150 www.t-yuden.com AVX 843-448-9411 www.avxcorp.com Murata 814-237-1431 www.murata.com Kemet 408-986-0424 www.kemet.com Inrush Current Considerations When Hot Plugging When the supply voltage is applied to VIN, the voltage difference between VIN and VCC generates inrush current flowing from the input through the inductor, the SW pin, and the integrated Schottky diode to charge the output capacitor. Care should be taken not to exceed the LT3469 maximum SW pin current rating of 1A. Worst-case inrush current occurs when the application circuit is hot plugged into a live supply with a large output capacitance. The typical application circuit will maintain a peak SW pin current below 1A when it is hot plugged into a 5V supply. To keep SW pin current below 1A during a hot plug into a 12V supply, 4.7 Ω must be added between the supply and the LT3469 input capacitor. During normal operation, the SW pin current remains significantly less than 1A. Layout Hints As with all switching regulators, careful attention must be paid to the PCB board layout and component placement. To maximize efficiency, switch rise and fall times are made 3469 F04 – + CBOOST R2 R1 VOUT gm INPUT Figure 4. Boosting the Bandwidth of the gm Amplifier with Capacitance On the Inverting Input simply an amplified version of the difference between the feedback voltage and the reference voltage of 1.23V. In this manner, the error amplifier sets the correct peak current level to keep the output in regulation. If the error amplifier’s output increases, more current is delivered to the output; if it decreases, less current is delivered. The switching regulator provides the boosted supply voltage for the gm amplifier. Inductor Selection A 47 µH inductor is recommended for most LT3469 appli- cations. Some suitable inductors with small size are listed in Table 1. The efficiency comparison of different induc- tors is shown in Figure 5. Table 1. Recommended Inductors CURRENT DCR RATING PART NUMBER ( Ω) (mA) MANUFACTURER LQH32CN470 1.3 170 Murata 814-237-1431 www.murata.com CMD4D11-470 2.8 180 Sumida 847-545-6700 www.Sumida.com LBC2518T470M 1.9 150 Taiyo Yuden 408-573-4150 www.t-yuden.com Capacitor Selection The small size of ceramic capacitors makes them ideal for LT3469 applications. X5R and X7R types are recommended because they retain their capacitance over wider voltage and temperature ranges than other types such as Y5V or Z5U. A 1 µF input capacitor is sufficient for most LT3469 appli- cations. A 0.22 µF output capacitor is sufficient for stable LOAD CURRENT (mA) 0 40 50 60 70 5 10 15 20 3469 F05 25 80 90 45 55 65 75 85 30 VIN = 12V VOUT = 35V MURATA LQH32CN470 SUMIDA CMD4011-470 TAIYO YUDEN LBC2518T470M Figure 5. Efficiency Comparison of Different Inductors |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |