Electronic Components Datasheet Search
  English  ▼

X  

LT3469 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3469
Description  Piezo Microactuator Driver with Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3469 Datasheet(HTML) 1 Page - Linear Technology

  LT3469 Datasheet HTML 1Page - Linear Technology LT3469 Datasheet HTML 2Page - Linear Technology LT3469 Datasheet HTML 3Page - Linear Technology LT3469 Datasheet HTML 4Page - Linear Technology LT3469 Datasheet HTML 5Page - Linear Technology LT3469 Datasheet HTML 6Page - Linear Technology LT3469 Datasheet HTML 7Page - Linear Technology LT3469 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT3469
1
3469f
Amplifier
s
Current Limit:
±40mA Typical
s
Input Common Mode Range: 0V to 10V
s
Output Voltage Range: 1V to (VCC – 1V)
s
Differential Gain Stage with High Impedance Output
(gm Stage)
s
Quiescent Current (from VCC): 2mA
s
Unloaded Gain: 30,000 Typical
Switching Regulator
s
Generates VCC Up to 35V
s
Wide Operating Supply Range: 2.5V to 16V
s
High Switching Frequency: 1.3MHz
s
Internal Schottky Diode
s
Tiny External Components
s
Current Mode Switcher with Internal Compensation
s
Low Profile (1mm) SOT-23 Package
Piezo Microactuator Driver
with Boost Regulator
s
Piezo Speakers
s
Piezo Microactuators
s
Varactor Bias
, LTC and LT are registered trademarks of Linear Technology Corporation.
+
–
+IN
35
6
2
4
1
8
7
GND
FB
VCC
SW
LT3469
VIN
453k
16.5k
0.47
µF
50V
VOUT
1V TO 33V
PIEZO
ACTUATOR
5nF < C < 300nF
10k
+
–
9.09k
100k
47
µH
–IN
OUT
3469 TA03
5V OR 12V
INPUT
0V TO 3V
1
µF
16V
The LT
®3469 is a transconductance (gm)amplifierthatcan
drive outputs up to 33V from a 5V or 12V supply. An
internal switching regulator generates a boosted supply
voltage for the gm amplifier. The amplifier can drive
capacitive loads in the range of 5nF to 300nF. Slew rate is
limited only by the maximum output current. The 35V
output voltage capability of the switching regulator, along
with the high supply voltage of the amplifier, combine to
allow the wide output voltage range needed to drive a
piezoceramic microactuator.
The LT3469 switching regulator switches at 1.3MHz,
allowing the use of tiny external components. The output
capacitor can be as small as 0.22
µF, saving space and cost
versus alternative solutions.
The LT3469 is available in a low profile ThinSOT
TM package.
ThinSOT is a trademark of Linear Technology Corporation.
Piezo Microactuator Driver
Response Driving a 33nF Load
IOUT
100mA/DIV
VOUT
10V/DIV
INPUT
5V/DIV
50
µs/DIV
3469 TA04
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT3469

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3469 LINER-LT3469 Datasheet
164Kb / 8P
Piezo Microactuator Driver with Boost Regulator
LT3469ETS8 LINER-LT3469ETS8 Datasheet
164Kb / 8P
Piezo Microactuator Driver with Boost Regulator
More results

Similar Description - LT3469

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3469 LINER-LT3469 Datasheet
164Kb / 8P
Piezo Microactuator Driver with Boost Regulator
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
DRV2665 TI-DRV2665 Datasheet
571Kb / 8P
Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
DRV8662 TI1-DRV8662_12 Datasheet
367Kb / 4P
Piezo Haptic Driver with Integrated Boost Converter
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
Boost Regulator White LED Driver
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
DRV2700 TI-DRV2700_15 Datasheet
1Mb / 37P
DRV2700 Industrial Piezo Driver With Integrated Boost Converter
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
Diodes Incorporated
PAM8907 DIODES-PAM8907 Datasheet
695Kb / 10P
31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
May 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com