Electronic Components Datasheet Search
  English  ▼

X  

LT3469 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3469
Description  Piezo Microactuator Driver with Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3469 Datasheet(HTML) 4 Page - Linear Technology

  LT3469 Datasheet HTML 1Page - Linear Technology LT3469 Datasheet HTML 2Page - Linear Technology LT3469 Datasheet HTML 3Page - Linear Technology LT3469 Datasheet HTML 4Page - Linear Technology LT3469 Datasheet HTML 5Page - Linear Technology LT3469 Datasheet HTML 6Page - Linear Technology LT3469 Datasheet HTML 7Page - Linear Technology LT3469 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT3469
4
3469f
TYPICAL PERFOR A CE CHARACTERISTICS
VCC Quiescent Current
Output Current
vs Differential Input Voltage
VCC (V)
15
18
0
1.0
2.5
21
27
30
3469 G01
0.5
2.0
100
°C
25
°C
–50
°C
1.5
24
33
36
DIFFERENTIAL INPUT VOLTAGE (mV)
–50
0
10
20
30
30
3469 G02
–10
–20
–5
5
15
25
–15
–25
–30
–30
–10
10
–40
40
–20
0
20
50
100
°C
–50
°C
25
°C
(gm Amplifier)
gm vs VCC
VCC (V)
15
100
150
35
3469 G14
50
0
20
25
30
250
200
–50
°C
25
°C
100
°C
PI FU CTIO S
OUT (Pin 1): Output of the gm Amplifier. There must be at
least 5nF of capacitive load at the output in a gain of 10
configuration. Capacitive loads up to 300nF can be con-
nected to this pin. Piezo actuators below 5nF can be driven
if capacitance is placed in parallel to bring the total
capacitance to 5nF.
FB (Pin 2): Feedback Pin. Reference voltage is 1.23V.
Connect feedback resistor divider here.
VIN (Pin 3): Input Supply Pin. Must be locally bypassed.
GND (Pin 4): Ground Pin. Connect directly to local ground
plane.
SW (Pin 5): Switch Pin. Connect inductor here. Minimize
trace area at this pin to reduce EMI.
VCC (Pin 6): Output of Switching Regulator and Supply
Rail for gm Amp. There must be 0.22µF or more of
capacitance here.
+IN (Pin 7): Noninverting Terminal of the gm Amplifier.
–IN (Pin 8): Inverting Terminal of the gm Amplifier.
BLOCK DIAGRA
–
+
SW
4
5
VCC
2
FB
1.23V
7
1
VIN VCC
+IN
–IN
OUT
GND
3469 F01
Q1
A1
SWITCH
CONTROLLER
6
VIN
3
–
+
8
gm
Figure 1. LT3469 Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com