Electronic Components Datasheet Search
  English  ▼

X  

LT3469 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3469
Description  Piezo Microactuator Driver with Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3469 Datasheet(HTML) 5 Page - Linear Technology

  LT3469 Datasheet HTML 1Page - Linear Technology LT3469 Datasheet HTML 2Page - Linear Technology LT3469 Datasheet HTML 3Page - Linear Technology LT3469 Datasheet HTML 4Page - Linear Technology LT3469 Datasheet HTML 5Page - Linear Technology LT3469 Datasheet HTML 6Page - Linear Technology LT3469 Datasheet HTML 7Page - Linear Technology LT3469 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LT3469
5
3469f
OPERATIO
gm Amplifier
The LT3469 is a wide output voltage range gm amplifier
designed to drive capacitive loads. Input common mode
range extends from 10V to ground. The output current is
proportional to the voltage difference across the input
terminals. When the output voltage has settled, the input
terminals will be at the same voltage; supply current of the
amplifier will be low and power dissipation will be low. If
presented with an input differential, however, the output
current can increase significantly, up to the maximum
output current (typically 40mA). The output voltage slew
rate is determined by the maximum output current and the
output capacitance, and can be quite high. With a 10nF
load, the output slew rate will typically be 4V/
µs. The
capacitive load compensates the gm amplifier and must be
present for stable operation. The gain capacitance product
of the amplifier must be at least 50nF. For example, if the
amplifier is operated in a gain of 10 configuration, a
minimum capacitance of 5nF is necessary. In a gain of 20
configuration, a minimum of 2.5nF is necessary. Closed
loop –3dB bandwidth is set by the output capacitance.
Typical closed loop bandwidth is approximately:
g
AC
m
V
OUT
2
π ••
where gm = 200µA/mV
For example, an amplifier in a gain of 10 configuration with
10nF of output capacitance will have a closed loop –3dB
bandwidth of approximately 300kHz. Figure 3 shows typi-
cal bandwidth of a gain of 10 configuration per output
capacitance.
In applications where negative phase contributions below
crossover frequency must be minimized, a phase boost
capacitor can be added, as shown in Figure 4. Larger val-
ues of CBOOST will further reduce the closed-loop negative
phase contribution, however, the amplifier phase margin
will be reduced. For an amplifier phase margin of approxi-
mately 55
°, select CBOOST as follows:
C
CR
R
gR
R
BOOST
OUT
m
=
+
()
()
12 1
12
/
||
where gm = 200µA/mV.
In a gain of 10 configuration, choosing CBOOST as de-
scribed will lead to nearly zero closed-loop negative phase
contribution at 3kHz for values of COUT from 10nF to
200nF. The phase boost capacitor should not be used if
COUT is less than twice the minimum for stable operation.
The gain capacitance product should therefore be higher
than 100nF if a phase boost capacitor is used.
Switching Regulator
The LT3469 uses a constant frequency, current mode
control scheme to provide excellent line and load regula-
tion. Operation can be best understood by referring to the
Block Diagram in Figure 1. The switch controller sets the
peak current in Q1 proportional to its input. The input to the
switch controller is set by the error amplifier, A1, and is
Figure 2. Slew Rate vs Capacitance
Figure 3. Closed Loop –3dB Bandwidth
vs Capacitance in a Gain of 10 Configuration
CAPACITANCE (nF)
2
0.1
1
10
100
20
200
3469 F02
CAPACITANCE (nF)
2
10
100
1000
20
200
3469 F03
WITH PHASE
BOOST CAPACITOR
WITHOUT PHASE
BOOST CAPACITOR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com