Electronic Components Datasheet Search
  English  ▼

X  

LT3469 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3469
Description  Piezo Microactuator Driver with Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3469 Datasheet(HTML) 3 Page - Linear Technology

  LT3469 Datasheet HTML 1Page - Linear Technology LT3469 Datasheet HTML 2Page - Linear Technology LT3469 Datasheet HTML 3Page - Linear Technology LT3469 Datasheet HTML 4Page - Linear Technology LT3469 Datasheet HTML 5Page - Linear Technology LT3469 Datasheet HTML 6Page - Linear Technology LT3469 Datasheet HTML 7Page - Linear Technology LT3469 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT3469
3
3469f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Leakage Current
VSW = 5V
0.01
1
µA
Diode VF
ID = 100mA
740
1100
mV
Diode Reverse Leakage Current
VR = 5V
0.1
1
µA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 5V, VCC = 35V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3469E is guaranteed to meet performance specifications
from 0
°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current limit is guaranteed by design and/or correlation to static
test. Slope compensation reduces current limit at higher duty cycles.
TYPICAL PERFOR A CE CHARACTERISTICS
Schottky Forward Voltage
Schottky Reverse Leakage
FORWARD VOLTAGE (mV)
200
150
200
250
500
700
1000
3469 G07
100
50
0
300 400
600
800 900
100
°C
–50
°C
25
°C
TEMPERATURE (
°C)
–50
0
5
10
15
20
25
–25
025
50
3469 G09
75
100
VR = 5V
Switching Frequency
FB Pin Voltage and Bias Current
TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
25
75
3469 G10
–25
0
50
100
TEMPERATURE (
°C)
–50
1.175
1.195
1.215
1.235
1.255
1.275
0
10
20
30
40
50
–25
025
50
3469 G11
75
100
CURRENT
VOLTAGE
(Switching Regulator)
VIN (V)
0
1.2
1.8
2.0
16
3469 G05
1.0
0.8
0
4
8
12
14
2
6
10
0.4
2.4
2.2
1.6
1.4
0.6
0.2
–50
°C
100
°C
25
°C
DUTY CYCLE (%)
0
150
200
250
80
3469 G06
100
50
0
20
40
60
100
TA = 25°C
VIN Quiescent Current
Current Limit vs Duty Cycle



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com