Electronic Components Datasheet Search
  English  ▼

X  

LT3489 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3489
Description  2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3489 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3489 Datasheet HTML 4Page - Linear Technology LT3489 Datasheet HTML 5Page - Linear Technology LT3489 Datasheet HTML 6Page - Linear Technology LT3489 Datasheet HTML 7Page - Linear Technology LT3489 Datasheet HTML 8Page - Linear Technology LT3489 Datasheet HTML 9Page - Linear Technology LT3489 Datasheet HTML 10Page - Linear Technology LT3489 Datasheet HTML 11Page - Linear Technology LT3489 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT3489
8
3489f
LOAD CURRENT (A)
0
75
80
85
1.1
3489 TA09
65
50
0.2 0.3
0.1
0.4
0.6
0.5
0.8
0.7
1.0
0.9
90
70
60
55
VIN = 3.3V
VIN = 5V
VIN
VIN
3.3V TO 5V
SW
FB
3
8
7
14
2
65
LT3489
L1
2.2
µH
D1
R2
5.23k
R1
28.7k
RC
35.7k
3489 TA02
C2
20
µF
C1
4.7
µF
CC
330pF
CSS
100nF
VOUT
650mA, VIN = 3.3V
1.1A, VIN = 5V
VC
GND
SHDN
SS
COMP
C1: AVX 08056D475KAT
C2: 2
× 10µF, TAIYO YUDEN LMK3168BJ106ML
D1: DIODES INC. DFLS220L
L1: COOPER BUSSMANN SD25-2R2
*EXPOSED PAD MUST ALSO BE GROUNDED
+
OFF ON
TYPICAL APPLICATIO S
8V Output Boost Converter
Efficiency
Transient Response
VOUT
100mV/DIV
AC COUPLED
IL1
1A/DIV
400mA
IOUT
200mA
50
µs/DIV
VIN = 3.3V
3489 G10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com