Electronic Components Datasheet Search
  English  ▼

X  

LT3489 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3489
Description  2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3489 Datasheet(HTML) 5 Page - Linear Technology

  LT3489 Datasheet HTML 1Page - Linear Technology LT3489 Datasheet HTML 2Page - Linear Technology LT3489 Datasheet HTML 3Page - Linear Technology LT3489 Datasheet HTML 4Page - Linear Technology LT3489 Datasheet HTML 5Page - Linear Technology LT3489 Datasheet HTML 6Page - Linear Technology LT3489 Datasheet HTML 7Page - Linear Technology LT3489 Datasheet HTML 8Page - Linear Technology LT3489 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT3489
5
3489f
OPERATIO
The LT3489 uses a constant frequency, current mode con-
trol scheme to provide excellent line and load regulation.
Please refer to Figure 1 for the following description of the
part’s operation. At the start of the oscillator cycle, the SR
latch is set, turning on the power switch, Q1. The switch
current flows through the internal current sense resistor
generating a voltage. This voltage is added to a stabilizing
ramp and the resulting sum is fed into the positive terminal
of the PWM comparator, A2. When this voltage exceeds
the level at the negative input of A2, the SR latch is reset,
turning off the power switch. The level at the negative
input of A2 (VC pin) is set by the error amplifier (gm) and
is simply an amplified version of the difference between
the feedback voltage and the reference voltage of 1.235V.
In this manner, the error amplifier sets the correct peak
current level to keep the output in regulation.
A soft-start function is provided to enable a clean start-up
for the LT3489. When the part is brought out of shut-
down, 10µA of current is sourced out of the SS pin. By
connecting an external capacitor to the SS pin, the rate
of voltage rise on the pin can be set. Typical values for
the soft-start capacitor range from 10nF to 200nF. The SS
pin indirectly limits the rate of rise on the VC pin, which
in turn limits the peak switch current. Current limit is
not shown in Figure 1. The switch current is constantly
monitored and not allowed to exceed the nominal value
of 2.5A. If the switch current reaches 2.5A, the SR latch
is reset regardless of the output of comparator A2. This
current limit helps protect the power switch as well as the
external components connected to the LT3489.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com