Electronic Components Datasheet Search
  English  ▼

X  

LT3489 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3489
Description  2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3489 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3489 Datasheet HTML 4Page - Linear Technology LT3489 Datasheet HTML 5Page - Linear Technology LT3489 Datasheet HTML 6Page - Linear Technology LT3489 Datasheet HTML 7Page - Linear Technology LT3489 Datasheet HTML 8Page - Linear Technology LT3489 Datasheet HTML 9Page - Linear Technology LT3489 Datasheet HTML 10Page - Linear Technology LT3489 Datasheet HTML 11Page - Linear Technology LT3489 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT3489
9
3489f
VIN
VIN
3.3V TO 5V
SW
FB
LT3489
L1
3.3
µH
D1
CSS
100nF
CC
680pF
RC
16.5k
VOUT
12V
625mA, VIN = 5V
410mA, VIN = 3.3V
3489 TA03
C2
10
µF
C1
4.7
µF
VC
GND
COMP
SS
SHDN
3
65
4
7
8
2
1
C1: Taiyo Yuden JMK212BJ475MG, 4.7
µF, 6.3V
C2: Taiyo Yuden GMK316BJ106ML, 10
µF, 35V
D1: Diodes, Inc. DFLS220
L1: Toko A916CY-3R3M (Type D63CB)
R1
84.5k
R2
9.76k
OFF ON
12V Output Boost Converter
TYPICAL APPLICATIO S
Efficiency
Transient Response
LOAD CURRENT (A)
0
40
45
55
60
65
90
75
0.2
0.4
0.5
3489 TA05
50
80
85
70
0.1
0.3
0.6
0.7
VIN = 3.3V
VIN = 5V
VOUT
500mV/DIV
AC COUPLED
IL1
1A/DIV
300mA
IOUT
100mA
50
µs/DIV
VIN = 3.3V
3489 TA06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com