Electronic Components Datasheet Search
  English  ▼

X  

LT3489 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3489
Description  2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3489 Datasheet(HTML) 3 Page - Linear Technology

  LT3489 Datasheet HTML 1Page - Linear Technology LT3489 Datasheet HTML 2Page - Linear Technology LT3489 Datasheet HTML 3Page - Linear Technology LT3489 Datasheet HTML 4Page - Linear Technology LT3489 Datasheet HTML 5Page - Linear Technology LT3489 Datasheet HTML 6Page - Linear Technology LT3489 Datasheet HTML 7Page - Linear Technology LT3489 Datasheet HTML 8Page - Linear Technology LT3489 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT3489
3
3489f
TEMPERATURE (˚C)
–50
1.25
1.26
1.27
25
75
3489 G01
1.24
1.23
–25
0
50
100
125
1.22
1.21
TEMPERATURE (
°C)
–50
1.6
1.8
2.0
2.2
2.4
–25
0
25
50
3489 G02
75
100
125
TEMPERATURE (
°C)
–50
1.5
2.0
2.5
25
75
3489 03
1.0
0.5
0
–25
0
50
3.0
3.5
4.0
100
SWITCH CURRENT (A)
1
0
100
200
300
400
500
600
0.5
1.0
1.5
2.0
3489 G04
2.5
–50
°C
25
°C
125
°C
TEMPERATURE (˚C)
–50
3.0
3.5
4.0
25
75
3489 G05
2.5
2.0
–25
0
50
100
125
1.5
1.0
VOUT
100mV/DIV
AC COUPLED
IL
1A/DIV
VSW
10V/DIV
200ns/DIV
VIN = 3.3V
AVDD = 8V
ILOAD, AVDD = 400mA
VON = 23V, 10mA
VOFF = –8V, 20mA
3489 G06
Feedback Pin Voltage
Oscillator Frequency
Current Limit
Switch VCE(SAT) Voltage
Quiescent Current
Switching Waveform for
the Cover Page Circuit
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com