Electronic Components Datasheet Search
  English  ▼

X  

LT3489 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3489
Description  2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3489 Datasheet(HTML) 4 Page - Linear Technology

  LT3489 Datasheet HTML 1Page - Linear Technology LT3489 Datasheet HTML 2Page - Linear Technology LT3489 Datasheet HTML 3Page - Linear Technology LT3489 Datasheet HTML 4Page - Linear Technology LT3489 Datasheet HTML 5Page - Linear Technology LT3489 Datasheet HTML 6Page - Linear Technology LT3489 Datasheet HTML 7Page - Linear Technology LT3489 Datasheet HTML 8Page - Linear Technology LT3489 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT3489
4
3489f
PI FU CTIO S
BLOCK DIAGRA
VC (Pin 1): Error Amplifier Output Pin. Tie external compen-
sation network to this pin, or use the internal compensation
network by shorting the VC pin to the COMP pin.
FB (Pin 2): Feedback Pin. Reference voltage is 1.235V.
Connect resistive divider tap here. Minimize the trace area at
FB. Set VOUT according to VOUT = 1.235 • (1 + R1/R2).
SHDN (Pin 3): Shutdown Pin. Tie to 2V or more to enable
device. Ground to shut down. Do not float this pin.
GND (Pin 4): Ground. Tie directly to local ground plane.
SW (Pin 5): Switch Pin. This is the collector of the internal
NPN power switch. Minimize the metal trace area connected
to this pin to minimize EMI.
VIN (Pin 6): Input Supply Pin. Must be locally bypassed.
COMP (Pin 7): Internal Compensation Pin. Provides an
internal compensation network. Tie directly to the VC pin
for internal compensation. Tie to GND if not in use.
SS (Pin 8): Soft-Start Pin. Place a soft-start capacitor here.
Upon start-up, 10μA of current charges the capacitor to
1.8V. Use a larger capacitor for slower start-up. Leave
floating if not in use.
Exposed Pad (Pin 9): Ground. Must be soldered to
PCB.
Σ
–
+
A2
FB
SHDN
SHUTDOWN
VIN
DRIVER
Q1
0.01
Ω
100k
125pF
SW
GND
COMPARATOR
5
VC
1
COMP
4
S
RQ
RAMP
GENERATOR
2MHz
OSCILLATOR
–
+
2
3
1.235V
REFERENCE
6
SS
+
8
7
R1 (EXTERNAL)
FB
VOUT
R2 (EXTERNAL)
A1
GND
9
3489 F01
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com