Electronic Components Datasheet Search
  English  ▼

X  

LT3489 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3489
Description  2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3489 Datasheet(HTML) 2 Page - Linear Technology

  LT3489 Datasheet HTML 1Page - Linear Technology LT3489 Datasheet HTML 2Page - Linear Technology LT3489 Datasheet HTML 3Page - Linear Technology LT3489 Datasheet HTML 4Page - Linear Technology LT3489 Datasheet HTML 5Page - Linear Technology LT3489 Datasheet HTML 6Page - Linear Technology LT3489 Datasheet HTML 7Page - Linear Technology LT3489 Datasheet HTML 8Page - Linear Technology LT3489 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3489
2
3489f
VIN Voltage................................................................16V
SW Voltage ................................................ –0.4V to 40V
FB, VC, COMP, SS Voltages .........................................6V
SHDN Voltage ...........................................................16V
Current Into FB Pin ................................................±1mA
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range (Note 2) ... –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VSHDN = VIN unless otherwise noted. (Note 2)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3489E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the 40°C to 85°C operating
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.4
2.6
V
Maximum Operating Voltage
16
V
Feedback Voltage
●
1.22
1.21
1.235
1.26
1.26
V
V
FB Pin Bias Current
VFB = 1.25V (Note 3)
●
100
250
nA
Error Amp Transconductance
ΔI = 10μA
100
μmhos
Error Amp Voltage Gain
80
V/V
Quiescent Current
VSHDN = 2.5V, Not Switching
2
4
mA
Quiescent Current in Shutdown
VSHDN = 0V, VIN = 3V
0
1
μA
Reference Line Regulation
2.6V ≤ VIN ≤ 16V
0.01
0.05
%
Switching Frequency
●
1.8
2
2.2
MHz
Maximum Switch Duty Cycle
●
85
90
%
Switch Current Limit
(Note 4)
●
2.5
3.5
5
A
Switch VCESAT
ISW = 2A
0.23
V
Switch Leakage Current
VSW = 5V
0.01
1
μA
SHDN Pin Current
VSHDN = 5V
VSHDN = 1.4V
VSHDN = 0V
100
20
2
μA
μA
μA
SHDN Pin Threshold
0.3
1.5
2
V
Soft-Start Charging Current
VSS = 0.5V
5
10
20
μA
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
VC
FB
SHDN
GND
8
7
6
5
SS
COMP
VIN
SW
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS GND (MUST BE SOLDERED TO PCB)
ORDER PART NUMBER
MS8E PART MARKING
LT3489EMS8E
LTBYF
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current flows out of the FB pin.
Note 4: Current limit guaranteed by design and/or correlation to static test.
Current limit is independent of duty cycle and is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com