Electronic Components Datasheet Search
  English  ▼

X  

AN4506 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 7Page - STMicroelectronics AN4506 Datasheet HTML 8Page - STMicroelectronics AN4506 Datasheet HTML 9Page - STMicroelectronics AN4506 Datasheet HTML 10Page - STMicroelectronics AN4506 Datasheet HTML 11Page - STMicroelectronics AN4506 Datasheet HTML 12Page - STMicroelectronics AN4506 Datasheet HTML 13Page - STMicroelectronics AN4506 Datasheet HTML 14Page - STMicroelectronics AN4506 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
AN4506
Reading angular rate data
DocID026442 Rev 2
11/47
2.5
Switching modes
The delay in order to switch modes is shown in Table 5.
3
Reading angular rate data
3.1
Startup sequence
Once the device is powered up, it automatically downloads the calibration coefficients from
the embedded flash to the internal registers. When the boot procedure is completed, i.e.
after approximately 10 milliseconds, the device automatically enters Power-down mode. To
turn on the device and gather angular rate data, it is necessary to select Normal (or Low
ODR) mode and to enable at least one of the axes.
The following general-purpose sequence can be used to configure the device:
Table 5. Turn-on time
Starting mode
Target mode
Turn-on time - typ.
Power-down
Normal
100 ms
Power-down
Sleep
100 ms
Power-down
Self test
100 ms
Sleep
Normal
1/ODR: LPF2 disabled
6/ODR: LPF2 enabled
Sleep
Power-down
Immediate
Normal
Sleep
Immediate
Normal
Power-down
Immediate
Other settings change
-
1/ODR: LPF2 disabled
6/ODR: LPF2 enabled
1.
Write CTRL2
2.
Write CTRL3
3.
Write CTRL4
4.
Write CTRL6
5.
Write Reference
6.
Write IG_THS
7.
Write IG_DURATION
8.
Write IG_CFG
9.
Write CTRL5
10. Write CTRL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com