Electronic Components Datasheet Search
  English  ▼

X  

AN4506 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 14Page - STMicroelectronics AN4506 Datasheet HTML 15Page - STMicroelectronics AN4506 Datasheet HTML 16Page - STMicroelectronics AN4506 Datasheet HTML 17Page - STMicroelectronics AN4506 Datasheet HTML 18Page - STMicroelectronics AN4506 Datasheet HTML 19Page - STMicroelectronics AN4506 Datasheet HTML 20Page - STMicroelectronics AN4506 Datasheet HTML 21Page - STMicroelectronics AN4506 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Digital filters
AN4506
18/47
DocID026442 Rev 2
4.2
Low-pass filters
The bandwidth of the low-pass filters depends on the selected ODR. The cutoff frequencies
(ft) for the low-pass filters are shown in Table 13.
01
x
Low-pass-filtered data are used for interrupt
generation
11
x
High-pass and low-pass-filtered data are
used for interrupt generation
Table 10. IG_SEL configuration settings
HPen
IG_Sel1
IG_Sel2
Description
Table 11. Low-pass filter cutoff frequency
Low_ODR
DR [1:0]
BW [1:0]
ODR [Hz]
Cutoff LPF1
[Hz]
Cutoff LPF2
[Hz]
1
00
00
12.5
3.9
n.a.
1
00
01
12.5
n.a.
1
00
10
12.5
n.a.
1
00
11
12.5
n.a.
101
00
25
7.8
n.a.
1
01
01
25
n.a.
1
01
10
25
n.a.
1
01
11
25
n.a.
11x
00
50
16
16.6
1
1x
01
50
16.6
1
1x
10
50
16.6
1
1x
11
50
16.6
0
00
00
100
32
12.5
0
00
01
100
25
0
00
10
100
25
0
00
11
100
25
0
01
00
200
63.3
12.5
0
01
01
200
-
0
01
10
200
-
0
01
11
200
70
0
10
00
400
128
20
0
10
01
400
25
0
10
10
400
50
0
10
11
400
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com