Electronic Components Datasheet Search
  English  ▼

X  

AN4506 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 20Page - STMicroelectronics AN4506 Datasheet HTML 21Page - STMicroelectronics AN4506 Datasheet HTML 22Page - STMicroelectronics AN4506 Datasheet HTML 23Page - STMicroelectronics AN4506 Datasheet HTML 24Page - STMicroelectronics AN4506 Datasheet HTML 25Page - STMicroelectronics AN4506 Datasheet HTML 26Page - STMicroelectronics AN4506 Datasheet HTML 27Page - STMicroelectronics AN4506 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Interrupt generation
AN4506
24/47
DocID026442 Rev 2
5.3
Threshold
Threshold registers IG_THS_xH and IG_THS_xL (respectively MSB and LSB) define the
reference angular rates used by interrupt generation circuitry.
The value of 1 LSB of the threshold depends on the selected full scale (Table 23).
5.4
Duration
The content of the Dx bits in the IG_DURATION register sets the minimum duration of the
interrupt event to be recognized.
Duration steps and maximum values depend on the ODR chosen.
Duration time is measured in N/ODR, where N is the content of the duration register and
ODR is 12.5, 25, 50, 100, 200, 400, and 800.
Table 21. IG_THS_xH register
-
THSx14
THSx13
THSx12
THSx11
THSx10
THSx9
THSx8
Table 22. IG_THS_xL register
THSx7
THSx6
THSx5
THSx4
THSx3
THSx2
THSx1
THSx0
Table 23. Threshold LSB value
Full scale (dps)
Threshold LSB value (mdps)
245
~7.5
500
~15.3
2000
~61
Table 24. IG_DURATION register
WAIT
D6
D5
D4
D3
D2
D1
D0
Table 25. IG_DURATION description
WAIT
WAIT enable. Default value: 0 (0: disable; 1: enable)
D6 - D0
Duration value. Default value: 000 0000
Table 26. Duration LSB value in Normal mode
ODR (Hz)
Duration LSB value (ms)
12.5
80
25
40
50
20
100
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com