Electronic Components Datasheet Search
  English  ▼

X  

AN4506 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 38Page - STMicroelectronics AN4506 Datasheet HTML 39Page - STMicroelectronics AN4506 Datasheet HTML 40Page - STMicroelectronics AN4506 Datasheet HTML 41Page - STMicroelectronics AN4506 Datasheet HTML 42Page - STMicroelectronics AN4506 Datasheet HTML 43Page - STMicroelectronics AN4506 Datasheet HTML 44Page - STMicroelectronics AN4506 Datasheet HTML 45Page - STMicroelectronics AN4506 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
First-in first-out (FIFO) buffer
AN4506
42/47
DocID026442 Rev 2
Figure 25. Stream-to-FIFO mode: interrupt not latched
Figure 26. Stream-to-FIFO mode: interrupt latched
Stream-to-FIFO can be used in order to analyze the sample history that generates an
interrupt; the standard operation is to read FIFO content when FIFO mode is triggered and
FIFO buffer is full and stopped.
6.3.6
Bypass-to-Stream mode
This mode is a combination of the Bypass and Stream modes described above. In Bypass-
to-Stream mode, the FIFO buffer starts operating in Bypass mode and switches to Stream
mode when the selected interrupt occurs.
Follow these steps for Bypass-to-Stream mode configuration:
1.
Configure the desired interrupt generator by using register IG_CFG (0x30).
2.
Turn on FIFO by setting the FIFO_En bit to “1” in the CTRL5 register (0x24). After this
operation the FIFO buffer is enabled but is not collecting data, output registers are
frozen to the last samples set loaded.
3.
Activate Bypass-to-Stream mode by setting the FM[2:0] field to “100” in the
FIFO_CTRL register (0x2E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com