Electronic Components Datasheet Search
  English  ▼

X  

AN4506 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 23Page - STMicroelectronics AN4506 Datasheet HTML 24Page - STMicroelectronics AN4506 Datasheet HTML 25Page - STMicroelectronics AN4506 Datasheet HTML 26Page - STMicroelectronics AN4506 Datasheet HTML 27Page - STMicroelectronics AN4506 Datasheet HTML 28Page - STMicroelectronics AN4506 Datasheet HTML 29Page - STMicroelectronics AN4506 Datasheet HTML 30Page - STMicroelectronics AN4506 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
AN4506
Interrupt generation
DocID026442 Rev 2
27/47
5.5
Selective axis movement and wake-up interrupts
The L3GD20H interrupt signal can behave as selective axis movement detection and wake-
up. Whenever an interrupt condition is verified, the interrupt signal is generated and by
reading the IG_SRC register it is possible to understand which condition happened.
The selective axis movement detection signal (SA) and wake-up signal (WU) interrupt
generation block is represented in Figure 14.
The SA or WU interrupt generation is selected through the AND/OR bit in the IG_CFG
register. If the AND/OR bit is ‘0’, signals coming from comparators for the axis enabled
through the IG_CFG register are put in logical OR. In this case, interrupt is generated when
at least one of the enabled axes exceeds the threshold written in the module in the
IG_THS_xH and IG_THS_xL registers. Otherwise, if the AND/OR bit is ‘1’, signals coming
from comparators enter a “NAND” port. In this case an interrupt signal is generated only if all
the enabled axes are passing the threshold.
The LIR bit of IG_CFG allows the user to decide if the interrupt request must be latched or
not. If the LIR bit is ‘0’ (default value), the interrupt signal goes high when the interrupt
condition is satisfied and returns to low immediately if the interrupt condition is no longer
verified. Otherwise, if the LIR bit is ‘1’, whenever an interrupt condition is applied the
interrupt signal remains high even if the condition returns to a non-interrupt status until a
read of the IG_SRC register is performed.
The ZHIE, ZLIE, YHIE, YLIE, XHIE, and HLIE bits of the IG_CFG register allow the user to
decide on which axis the interrupt decision must be performed and in which direction the
threshold must be passed to generate the interrupt request.
Figure 14. No-move, wake-up interrupt generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com