Electronic Components Datasheet Search
  English  ▼

X  

AN2454 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2454
Description  Universal input voltage power supply for ESBT based breaker and metering applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2454 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2454 Datasheet HTML 3Page - STMicroelectronics AN2454 Datasheet HTML 4Page - STMicroelectronics AN2454 Datasheet HTML 5Page - STMicroelectronics AN2454 Datasheet HTML 6Page - STMicroelectronics AN2454 Datasheet HTML 7Page - STMicroelectronics AN2454 Datasheet HTML 8Page - STMicroelectronics AN2454 Datasheet HTML 9Page - STMicroelectronics AN2454 Datasheet HTML 10Page - STMicroelectronics AN2454 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN2454
Flyback stage
7/24
Once the turn ratio is calculated, the system must be stabilized to ensure that the converter
operates in discontinuous mode. Equation 3 guarantees that the energy on the primary coil
will be completely transferred to the secondary coil before the next cycle occurs.
Equation 3
A safety margin of 20% is recommended to guarantee the complete demagnetization of the
primary side (see Equation 4).
Equation 4
where Tonmax is the maximum power-on time, Treset the time needed to demagnetize the
transformer inductance, and TS the switching time.
Combining Equation 3 and Equation 4 , Tonmax, may be calculated using Equation 5:
Equation 5
Once output power has been set to 2 W and the desired efficiency to 60%, the operating
switching frequency must be chosen. To do this, a value of 50 kHz should be selected. It is
then necessary to calculate the primary inductance (LP) of the transformer. Using Equation
6, input power (PIN) may be calculated to give an approximate value which does not account
for losses due to the power switch, the input bridge and the rectified network.
Equation 6
Using Equation 7, LP may be calculated as follows:
Equation 7
Peak current, (IP) on the primary side may be calculated using Equation 8.
Equation 8
It is also important to determine the maximum primary current, Irms(primary), (see Equation 9)
and maximum secondary current, Irms(secondary), (see Equation 10) to obtain correct
dimensions for the wire size of the primary windings.
V
dcminTonmax
N
P
N
S
------- V
o
V
F diode
,
+
()T
reset
V
flTreset
=
=
T
onmax
T
reset
–
0.8T
S
=
T
onmax
V
fl0.8TS
V
dcmin
V
fl
+
-------------------------------
=
P
IN
1.66P
OUT
1
2
---
L
PIP
2
•
T
S
------------------------
1
2
---V
onmax
2
L
PTS
--------------------------
=
=
=
L
P
V
dcmin
2
T
onmax
2
3.33T
SPOUT
-------------------------------------------
11mH
≈
=
I
P
V
dcminTonmax
L
P
-------------------------------------
110mA
≈
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com