Electronic Components Datasheet Search
  English  ▼

X  

AN2454 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2454
Description  Universal input voltage power supply for ESBT based breaker and metering applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2454 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2454 Datasheet HTML 1Page - STMicroelectronics AN2454 Datasheet HTML 2Page - STMicroelectronics AN2454 Datasheet HTML 3Page - STMicroelectronics AN2454 Datasheet HTML 4Page - STMicroelectronics AN2454 Datasheet HTML 5Page - STMicroelectronics AN2454 Datasheet HTML 6Page - STMicroelectronics AN2454 Datasheet HTML 7Page - STMicroelectronics AN2454 Datasheet HTML 8Page - STMicroelectronics AN2454 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Design specifications and schematic diagram
AN2454
4/24
1
Design specifications and schematic diagram
Table 1 lists the converter specifications and main parameters of the STEVAL-IPB001V1
demo board.
A schematic diagram of the SMPS is given in Figure 1 The most relevant components are:
●
HV ESBT main switch and simple driving circuit (see Section 6: Base driving circuit
design).
●
Active start-up circuit with HV bipolar Darlington (see Section 7: Active start-up circuit) .
●
A specially constructed transformer, with very low parasitic capacitance.
Table 1.
Converter specifications and main parameters of the STEVAL-IPB001V1
demo board
Symbol
Description
Values
Vinmin
Rectified minimum input voltage
150
Vinmax
Rectified maximum input voltage
1200
Vout
Output voltage
24V/83mA
Pout max
Maximum output power
2W
Pout min
Minimum output power
0.2W
η
Converter efficiency
60%
F
Switching frequency
≅ 50kHz
Vfl
Reflected flyback voltage
150V
Vspike
Max over voltage limited by clamping circuit
150V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com