Electronic Components Datasheet Search
  English  ▼

X  

AN2454 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2454
Description  Universal input voltage power supply for ESBT based breaker and metering applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2454 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2454 Datasheet HTML 1Page - STMicroelectronics AN2454 Datasheet HTML 2Page - STMicroelectronics AN2454 Datasheet HTML 3Page - STMicroelectronics AN2454 Datasheet HTML 4Page - STMicroelectronics AN2454 Datasheet HTML 5Page - STMicroelectronics AN2454 Datasheet HTML 6Page - STMicroelectronics AN2454 Datasheet HTML 7Page - STMicroelectronics AN2454 Datasheet HTML 8Page - STMicroelectronics AN2454 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AN2454
Design specifications and schematic diagram
5/24
Figure 1.
Schematic diagram of the SMPS
R6
10k
R1
1M 1/8W
R4
1M 1/8W
R2
10k 1/4W
R13
680k
R20
100k
R7
1M 1/8W
R18 2.2k
R19
1k
R15
3.3k
R23
6.8
R3 1
R12
1M 1/8W
+
C6
33uF 450V
R17
22
R21
3.9K
R14
18k
R16
150k
R9
1M 1/8W
R11
1M 1/8W
C7
10nF
C9
820pF
C10
12nF
+
C1
220uF 35V
+
C4
47uF 25V
+
C3
330uF 25V
+
C2
33uF450V
T1
4
5
7
8
2
1
C8
100p
Q2
PN2222A
2
D3
1N4148
D2
STTH110
D1
STTH110
J2
CON2
1
2
Q3
STP03D200
1
U1
UC3845B
VFB
2
COMP
1
VREF
8
RT/CT
4
SENSE
3
OUT
6
C11
100nF
+
C5
33uF 450V
R22
10k
D5
20V
Q4
STC04IE170HP
4
2
J1
CON3
1
2
3
D4 STTH110
R26
10
R5
10k 1/4W
R8
10k 1/4W
R10
10k 1/4W
R24
10k 1/4W
R25
10k 1/4W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com