Electronic Components Datasheet Search
  English  ▼

X  

AN2454 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2454
Description  Universal input voltage power supply for ESBT based breaker and metering applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2454 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2454 Datasheet HTML 16Page - STMicroelectronics AN2454 Datasheet HTML 17Page - STMicroelectronics AN2454 Datasheet HTML 18Page - STMicroelectronics AN2454 Datasheet HTML 19Page - STMicroelectronics AN2454 Datasheet HTML 20Page - STMicroelectronics AN2454 Datasheet HTML 21Page - STMicroelectronics AN2454 Datasheet HTML 22Page - STMicroelectronics AN2454 Datasheet HTML 23Page - STMicroelectronics AN2454 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Top view of the STEVAL-IPB001V1 demo board
AN2454
22/24
Appendix B
Top view of the STEVAL-IPB001V1 demo
board
Figure 27.
Top view of the STEVAL-IPB001V1 demo board
R26
1
10
Ω
Resistor, carbon film, 250 V, 0.25 W, 5 %
D1, D2, D4
3
STTH110
Diode, high voltage ultra fast, 1000 V - 1 A,
DO41, STMicroelectronics
D3
1
1N4148
Diode, 75 V, 0.15 A, DO-35
D5
1
20 V zener
Diode, zener, 20 V, 0.5 W
IC1
1
STUC3845B
Current mode PWM controller, Dip-8,
STMicroelectronics
Q2
1
PN2222A
Small signal bipolar transistor, NPN, 40 V,
0.6 A, TO-92, STMicroelectronics
Q3
1
STP03D200
High voltage Darlington, NPN, 2 KV, 3 A,
TO220, STMicroelectronics
Q4
1
STC04IE170HP
Emitter switched Bipolar transistor, 1.7 KV,
4 A, TO-247 4 L, STMicroelectronics
TR1
1
SRW20EF - E13H003
Transformer, TDK
Table 3.
Bill of material (continued)
Reference
Quantity
Value/part number
Description
STEVAL-IPB001V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com