Electronic Components Datasheet Search
  English  ▼

X  

AN2454 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2454
Description  Universal input voltage power supply for ESBT based breaker and metering applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2454 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2454 Datasheet HTML 1Page - STMicroelectronics AN2454 Datasheet HTML 2Page - STMicroelectronics AN2454 Datasheet HTML 3Page - STMicroelectronics AN2454 Datasheet HTML 4Page - STMicroelectronics AN2454 Datasheet HTML 5Page - STMicroelectronics AN2454 Datasheet HTML 6Page - STMicroelectronics AN2454 Datasheet HTML 7Page - STMicroelectronics AN2454 Datasheet HTML 8Page - STMicroelectronics AN2454 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AN2454
List of figures
3/24
List of figures
Figure 1.
Schematic diagram of the SMPS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Small signal equivalent circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Current sense circuit (a) and waveform of sense resistor ( b) . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
The normal operation waveforms of output pulse and current spike . . . . . . . . . . . . . . . . . 10
Figure 5.
ESBT driving circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 6.
hFE curve from datasheet STC04IE170HP, section 2.1, figure 3 . . . . . . . . . . . . . . . . . . . . 12
Figure 7.
Start-up circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 8.
Minimum input voltage: storage highlighted . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 9.
Minimum input voltage: switch-on highlighted . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 10.
Minimum input voltage 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 11.
Minimum input voltage 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 12.
Minimum input voltage: switch-off highlighted . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 13.
560V input voltage 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 14.
560V input voltage 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 15.
560V input voltage: switch-on highlighted . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 16.
560V input voltage: switch-off highlighted . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 17.
1050V input voltage 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 18.
1050V input voltage 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 19.
1050V input voltage: switch-off highlighted . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 20.
1050V input voltage: switch-on highlighted . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 21.
110 Vac envelope . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 22.
220 Vac envelope . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 23.
420 Vac envelope . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 24.
480 Vac envelope . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 25.
600 Vac envelope . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 26.
760 Vac envelope . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 27.
Top view of the STEVAL-IPB001V1 demo board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 28.
Bottom view of the STEVAL-IPB001V1 demo board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com