Electronic Components Datasheet Search
  English  ▼

X  

AN2454 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2454
Description  Universal input voltage power supply for ESBT based breaker and metering applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2454 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2454 Datasheet HTML 5Page - STMicroelectronics AN2454 Datasheet HTML 6Page - STMicroelectronics AN2454 Datasheet HTML 7Page - STMicroelectronics AN2454 Datasheet HTML 8Page - STMicroelectronics AN2454 Datasheet HTML 9Page - STMicroelectronics AN2454 Datasheet HTML 10Page - STMicroelectronics AN2454 Datasheet HTML 11Page - STMicroelectronics AN2454 Datasheet HTML 12Page - STMicroelectronics AN2454 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN2454
Fine tuning of the application
9/24
Considering that the power supply is low, the transistor works without a heat sink, and
consequently C3 effects can be ignored. C2 is related only to additional power dissipation
during switch-on and does not affect system stability. C1 has the most important affect on
flyback converter design. It in turn affects:
●
Parasitic transformer inter-winding capacitance.
●
Layout parasitic capacitance.
Care is needed when designing the layout parastic capacitance and building the
transformer.
4
Fine tuning of the application
Once the design is completed, application parameters and performance are fine tuned by
bench verification.
Bench verification of the current demo board has highlighted that the chosen frequency and
the high input voltage correspond with a very short conductance time. This may cause some
instability or malfunctioning, even with optimized transformer parasitic elements. According
to Equation 11, the maximum conductance time (Tonmax\@Vdcmax) at an input voltage of
1200 V is:
Equation 11
The flyback power supply tends to oscillate at maximum input voltage. The Rs resistor is in
series with the ESBT as shown in Figure 3 and has a current sensing function. The current
waveform often has a large spike at its leading edge (see Figure 4). This is caused by the
charge of the parasitic capacitance C1. Usually, a simple RC filter is used to suppress this
transient spike. The RC time constant should approximately equal the current spike
duration, which is usually a few hundred nanoseconds. Values used in the demo board are:
●
Rcs = 1 kΩ.
●
Cs = 820 pF.
Figure 3.
Current sense circuit (a) and waveform of sense resistor ( b)
T
onmaxvbVdcmax
L
PIP
V
dcmax
-------------------
1
µs
≈
=
@
@
Rs
ESBT
Cs
OUT
6
ISENSE
3
VCC
FB
COMP
VREF
RT/CT
UC3845
Rcs
Vcs
Vrs
Vrs
Spike
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com