Electronic Components Datasheet Search
  English  ▼

X  

AN3994 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 26Page - STMicroelectronics AN3994 Datasheet HTML 27Page - STMicroelectronics AN3994 Datasheet HTML 28Page - STMicroelectronics AN3994 Datasheet HTML 29Page - STMicroelectronics AN3994 Datasheet HTML 30Page - STMicroelectronics AN3994 Datasheet HTML 31Page - STMicroelectronics AN3994 Datasheet HTML 32Page - STMicroelectronics AN3994 Datasheet HTML 33Page - STMicroelectronics AN3994 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
MD II and MD V: which is the lowest loss one?
AN3994
30/53
Doc ID 022380 Rev 1
Figure 36.
STP21N65M5 vs. STP24NM60N dv/dt at turn-off @ 4 A/8 A, 400 V
6.4
STP16N65M5 vs. STP18NM60N
Figure 37.
STP16N65M5 vs. STP18NM60N Eon @ 3 A/6 A, 400 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com