Electronic Components Datasheet Search
  English  ▼

X  

AN3994 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 44Page - STMicroelectronics AN3994 Datasheet HTML 45Page - STMicroelectronics AN3994 Datasheet HTML 46Page - STMicroelectronics AN3994 Datasheet HTML 47Page - STMicroelectronics AN3994 Datasheet HTML 48Page - STMicroelectronics AN3994 Datasheet HTML 49Page - STMicroelectronics AN3994 Datasheet HTML 50Page - STMicroelectronics AN3994 Datasheet HTML 51Page - STMicroelectronics AN3994 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
MOSFET critical parameters in high switching environments
AN3994
48/53
Doc ID 022380 Rev 1
Figure 68.
STW77N65M5 Eoff@20 A, 2.2 Ω, 400 V 4-pin solution
Figure 69.
STW77N65M5 Eon@20 A, 2.2 Ω
4-pin solution
Figure 70.
STW77N65M5 Eon @20 A, 2.2 Ω
4-pin solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com