Electronic Components Datasheet Search
  English  ▼

X  

AN3994 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 36Page - STMicroelectronics AN3994 Datasheet HTML 37Page - STMicroelectronics AN3994 Datasheet HTML 38Page - STMicroelectronics AN3994 Datasheet HTML 39Page - STMicroelectronics AN3994 Datasheet HTML 40Page - STMicroelectronics AN3994 Datasheet HTML 41Page - STMicroelectronics AN3994 Datasheet HTML 42Page - STMicroelectronics AN3994 Datasheet HTML 43Page - STMicroelectronics AN3994 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
MOSFET critical parameters in high switching environments
AN3994
40/53
Doc ID 022380 Rev 1
Figure 47.
Gate driving and main switching loops for a MOSFET in a BOOST-like
topology
A simple clamped inductive load circuit test was adopted to evaluate the differences
between two layout configurations and their respective effect on the switch performance. It's
important to remark that all layout options described in the following sections have been
implemented on the same test circuit.
All tests have been carried on the STW77N65M5, as the advantage offered by the layout
optimization and the 4-pin solution (which is described shortly) is as important as high
current levels are involved.
In the first layout configuration, the common source path between the main switching loop
and the driving loop is a few cm long, while in the second layout configuration, the common
source path has been shortened to the length of the source pin. In both cases, the drain
parasitic loop inductance has been neglected thanks to a very short distance between the
bus capacitors and the switch. The following curves show the Eon and the Eoff energies of
STW77N65M5 which were issued with the same RG, gate driving signal (0 V to 10 V), and
VDD=400 V conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com