Electronic Components Datasheet Search
  English  ▼

X  

AN3994 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 29Page - STMicroelectronics AN3994 Datasheet HTML 30Page - STMicroelectronics AN3994 Datasheet HTML 31Page - STMicroelectronics AN3994 Datasheet HTML 32Page - STMicroelectronics AN3994 Datasheet HTML 33Page - STMicroelectronics AN3994 Datasheet HTML 34Page - STMicroelectronics AN3994 Datasheet HTML 35Page - STMicroelectronics AN3994 Datasheet HTML 36Page - STMicroelectronics AN3994 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
AN3994
MD II and MD V: which is the lowest loss one?
Doc ID 022380 Rev 1
33/53
Figure 42.
STP16N65M5 vs. STP18NM60N dv/dt at turn-off @ 3 A/6 A, 400 V
6.5
Comments about energy ON comparison
Considerations about energy comparison between the MD V and the MD II depend on the
gate resistor selected by the user.
As for turn-on energy, the bigger sizes of the MD V list considered in this work
(STP42N65M5 and STP35N65M5) perform worse than their equivalent MD II parts in the
entire RG range at the two current levels selected for the tests. This is due to the negative
gate charge impact (the Q12+Q23 portion, as explained in Section 4) together with the
higher threshold and plateau value of these parts if compared to the MD II devices.
Smaller sizes show a slightly different dynamic behavior: MD V parts (STP21N65M5 and
STP16 N65M5) perform worse than their equivalent MD II parts at relative medium/high RG
values (i.e. RG>10 Ω for the STP21N65M5, and RG>22 Ω for the STP16N65M5). This
situation changes if low RG values are used. Under the latter driving condition, the MD V
performs better than the MD II but, it is not advised to adopt very low RG values in most
common situations due to the increased voltage/current slopes of these small devices and
the consequent increased risk of spurious oscillations.
Anyway, if an MD V part (belonging to the list in Table 1) is used in any circuit with a specific
RGon value, and it needs to be replaced with an equivalent MD II part by keeping the same
Eon energy, this can be easily obtained by increasing its RGon value according to the charts
showing the Eon comparison reported in this work. The same way of proceeding can be
adopted if an MD V device must be used instead of an MD II equivalent part.
6.6
Comments about energy OFF comparison
As for turn-off, all MD V devices show better performances than their equivalent MD II parts.
Some exceptions arise for the smaller sizes (STP21N65M5 and STP16N65M5) when
current levels are significantly lower than the nominal current (see Figure 34 and 40).
The slightly worse MD V energy at very low current levels is linked to the behavior of the
MOSFET intrinsic capacitances. Output capacitance is charged up to VCLAMP during



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com