Electronic Components Datasheet Search
  English  ▼

X  

UM1771 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1771
Description  The EVAL6474H-DISC is a low cost development tool based
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1771 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1771 Datasheet HTML 1Page - STMicroelectronics UM1771 Datasheet HTML 2Page - STMicroelectronics UM1771 Datasheet HTML 3Page - STMicroelectronics UM1771 Datasheet HTML 4Page - STMicroelectronics UM1771 Datasheet HTML 5Page - STMicroelectronics UM1771 Datasheet HTML 6Page - STMicroelectronics UM1771 Datasheet HTML 7Page - STMicroelectronics UM1771 Datasheet HTML 8Page - STMicroelectronics UM1771 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
April 2015
DocID026392 Rev 2
1/38
38
UM1771
User manual
EVAL6474H-DISC: fully integrated microstepping motor driver
based on the L6474 and STM32™
Introduction
The EVAL6474H-DISC is a low cost development tool based on the L6474 and STM32™.
It is an ideal starter kit for both beginners and experienced users, it is autonomous and can
be used with a software interface, or it can be used with custom firmware thanks to the
embedded microcontroller with the 128 kB Flash memory and 64 kB RAM.
Through the available GUI the user can easily set the full configuration of application
parameters.
There are “Plug and Play” tools suitable for high power solutions thanks to the wide
operating voltage range from 8 V to 45 V and the current capability up to 3 Ar.m.s.
Figure 1. EVAL6474H-DISC board photo
www.st.com


Similar Part No. - UM1771

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17712 UNIONSEMI-UM17712 Datasheet
219Kb / 7P
500mA, Micropower, VLDO Linear Regulator
UM17713 UNIONSEMI-UM17713 Datasheet
219Kb / 7P
500mA, Micropower, VLDO Linear Regulator
UM17715 UNIONSEMI-UM17715 Datasheet
219Kb / 7P
500mA, Micropower, VLDO Linear Regulator
UM17718 UNIONSEMI-UM17718 Datasheet
219Kb / 7P
500mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM1771

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
UM1756 STMICROELECTRONICS-UM1756 Datasheet
11Mb / 49P
The EVAL6480H-DISC and EVAL6482H-DISC are low cost development tools based
09-Mar-2015
logo
Richtek Technology Corp...
RT9728 RICHTEK-RT9728 Datasheet
118Kb / 11P
The RT9728 is a cost effective
RT9742 RICHTEK-RT9742 Datasheet
272Kb / 19P
The RT9742 is a cost-effective
logo
Silicon Laboratories
UPIO-M3U1XX SILABS-UPIO-M3U1XX Datasheet
768Kb / 28P
The Unified Development Platform (UDP) provides a development
logo
Littelfuse
EL731 LITTELFUSE-EL731 Datasheet
375Kb / 2P
The EL731 is a microprocessor-based
PGR-8800 LITTELFUSE-PGR-8800 Datasheet
480Kb / 2P
The PGR-8800 is a microprocessor-based
SE-701 LITTELFUSE-SE-701 Datasheet
2Mb / 1P
The SE-701 is a microprocessor-based
SIO-RTD LITTELFUSE-SIO-RTD Datasheet
147Kb / 1P
The SIO-RTD is a microprocessor-based
logo
NXP Semiconductors
68HC05JB4 NXP-68HC05JB4 Datasheet
2Mb / 134P
The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com