Electronic Components Datasheet Search
  English  ▼

X  

UM1771 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1771
Description  The EVAL6474H-DISC is a low cost development tool based
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1771 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1771 Datasheet HTML 8Page - STMicroelectronics UM1771 Datasheet HTML 9Page - STMicroelectronics UM1771 Datasheet HTML 10Page - STMicroelectronics UM1771 Datasheet HTML 11Page - STMicroelectronics UM1771 Datasheet HTML 12Page - STMicroelectronics UM1771 Datasheet HTML 13Page - STMicroelectronics UM1771 Datasheet HTML 14Page - STMicroelectronics UM1771 Datasheet HTML 15Page - STMicroelectronics UM1771 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
General description
UM1771
12/38
DocID026392 Rev 2
3.2
L6474 stepper motor controller
Features
Operating voltage: 8 - 45 V
7.0 A out peak current (3.0 A r.m.s.)
Low RDS(on) power MOSFETs
Programmable power MOS slew-rate
Up to 1/16 microstepping
Current control with adaptive decay
Non-dissipative current sensing
Integrated voltage regulators
SPI interface
Low quiescent standby currents
Programmable non-dissipative overcurrent
Overtemperature protection
Figure 7. L6474 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com