Electronic Components Datasheet Search
  English  ▼

X  

UM1771 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1771
Description  The EVAL6474H-DISC is a low cost development tool based
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1771 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1771 Datasheet HTML 29Page - STMicroelectronics UM1771 Datasheet HTML 30Page - STMicroelectronics UM1771 Datasheet HTML 31Page - STMicroelectronics UM1771 Datasheet HTML 32Page - STMicroelectronics UM1771 Datasheet HTML 33Page - STMicroelectronics UM1771 Datasheet HTML 34Page - STMicroelectronics UM1771 Datasheet HTML 35Page - STMicroelectronics UM1771 Datasheet HTML 36Page - STMicroelectronics UM1771 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
DocID026392 Rev 2
33/38
UM1771
Programming section
38
5.4
Using the EVAL6474H-DISC with the firmware library
(FW L6474)
The L6474 firmware library is supplied as an IAR workspace with a source, including project
files. If you are using the IAR design environment, you just need to load the “easyspin.eww”
file and use the “fwlibrairies_easyspin_discoverykit” project which is already active.
If you are using a different design environment, you will find instructions in this user manual
to build a new project on your preferred IDE.
The L6474 firmware library is also supplied as an executable in the HEX and in DFU format.
It can be loaded into the EVAL6474H-DISC board as explained in Section 5.2.
5.4.1
FW library package contents
FW L6474 library
–
Described in Section 5.4.2.
CMSIS library
–
/stm32f10x/CMSIS
Library used by the L6474 FW library
STM32F10x Standard Peripherals Library Drivers
–
/stm32f10x/STM32F10x_StdPeriph_Driver Library used by the L6474 FW library
IAR workspace files
–
/user_motion/project/ewarm6/fwlibraries/easyspin/easyspin.eww
- workspace file
–
/user_motion/project/ewarm6/fwlibraries/easyspin/settings/easyspin.wsdt
- workspace settings file
–
/user_motion/project/ewarm6/fwlibraries/easyspin/discoverykit
- directory containing easySPIN discovery board project files and subdirectories
–
/user_motion/project/ewarm6/fwlibraries/easyspin/discoverykit/Debug/Exe/
- directory containing the *.HEX and *.DFU executable files
–
/user_motion/project/ewarm6/fwlibraries/easyspin/pcc009v2
- directory containing PCC009V2 board project files and subdirectories
5.4.2
FW L6474 library description
The FW L6474 library has the following features:
Register read, write and check
Register values conversion
Device configuration
Motion commands
FLAG interrupts management
Button interrupts management
“Daisy Chain” mode
The FW L6474 library has been tested on the L6474H Discovery board. The main program
contains a commented demonstration sequence which uses most of the FW L6474 library
supported features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com