Electronic Components Datasheet Search
  English  ▼

X  

UM1771 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1771
Description  The EVAL6474H-DISC is a low cost development tool based
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1771 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1771 Datasheet HTML 12Page - STMicroelectronics UM1771 Datasheet HTML 13Page - STMicroelectronics UM1771 Datasheet HTML 14Page - STMicroelectronics UM1771 Datasheet HTML 15Page - STMicroelectronics UM1771 Datasheet HTML 16Page - STMicroelectronics UM1771 Datasheet HTML 17Page - STMicroelectronics UM1771 Datasheet HTML 18Page - STMicroelectronics UM1771 Datasheet HTML 19Page - STMicroelectronics UM1771 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Programming section
UM1771
16/38
DocID026392 Rev 2
5
Programming section
5.1
STM32F105RB microcontroller
The STM32F105xx device incorporates the high-performance ARM®Cortex™-M3 32-bit
RISC core operating at a 72 MHz frequency, high-speed embedded memories (Flash
memory up to 256 Kbytes and SRAM 64 Kbytes), and an extensive range of enhanced I/O
and peripherals connected to two APB buses. All devices offer two 12-bit ADCs, four
general-purpose 16-bit timers plus a PWM timer, as well as standard and advanced
communication interfaces: up to two I2Cs, three SPIs, two I2Ss, five USARTs, a USB OTG
FS and two CANs.
The STM32F105xx operates in the -40 to +105 °C temperature range, from a 2.0 to 3.6 V
power supply. A comprehensive set of power-saving mode allows the design of low-power
applications.
The STM32F105xx offers devices in three different package types: from 64 pins to 100 pins.
Depending on the device chosen, different sets of peripherals are included.
These features make the STM32F105xx and STM32F107xx connectivity line
microcontroller family suitable for a wide range of applications such as motor drives and
application control, medical and handheld equipment, industrial applications, PLCs,
inverters, printers, and scanners, alarm systems, video intercom, HVAC and home audio
equipment.
Please refer to the STM32F105xx datasheet for an overview of the complete range of
peripherals proposed in this family.
Please refer to the STM32F105xx reference manual RM0008 to get more information on the
microcontroller operation.
The STM32F105RBT6 has a 64-pin LQFP package with 128 KBytes Flash memory and
operates in the -40 to +85 °C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com