Electronic Components Datasheet Search
  English  ▼

X  

UM1839 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1839
Description  demonstration board for STGAP1S galvanically
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1839 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1839 Datasheet HTML 3Page - STMicroelectronics UM1839 Datasheet HTML 4Page - STMicroelectronics UM1839 Datasheet HTML 5Page - STMicroelectronics UM1839 Datasheet HTML 6Page - STMicroelectronics UM1839 Datasheet HTML 7Page - STMicroelectronics UM1839 Datasheet HTML 8Page - STMicroelectronics UM1839 Datasheet HTML 9Page - STMicroelectronics UM1839 Datasheet HTML 10Page - STMicroelectronics UM1839 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID027168 Rev 1
7/18
UM1839
Connection of two EVALSTGAP1S boards
18
If the STGAP1S devices are used in single input configuration both IN-/DIAG2 lines are
independently present on the J4master for interfacing with the µC and diagnostic purposes.
If the two boards are used in half bridge configuration (GNDISOslave and Cmaster plate holes
shall therefore be connected) it is possible to achieve cross conduction prevention by
driving both drivers with only two µC lines as shown in Figure 5.
Figure 5. Half bridge configuration with hardware shoot-through protection
In order to use this configuration the STGAP1S shall be used as 2-input device and the JP1
and JP2 jumpers shall be properly set (see Table 9).
Table 9. Jumper configurations for input signal settings
Gate driving configuration
Source of IN+ and IN- control signals Jumper configurations
Single driver (Figure 6)J3
JP1master = DON'T CARE
JP2master = DON'T CARE
Half bridge with hardware
shoot-through protection
(Figure 7)
J3master
JP1master = CLOSED
JP2master = CLOSED
Half bridge with independent
input signals (Figure 8)
J3master for master board
J3slave for slave board
JP1master = OPEN
JP2master = OPEN
µC
HIN
LIN
IN+
IN-
gapDRIVE HS
IN+
IN-
gapDRIVE LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com